Electronic Components Datasheet Search
  English  ▼

X  

PM4332 Datasheet(PDF) 71 Page - PMC-Sierra, Inc

Part # PM4332
Description  HIGH DENSITY 32 CHANNEL T1/E1/J1 FRAMER
PDF  446 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4332 Datasheet(HTML) 71 Page - PMC-Sierra, Inc

Back Button PM4332 Datasheet HTML 67Page - PMC-Sierra, Inc PM4332 Datasheet HTML 68Page - PMC-Sierra, Inc PM4332 Datasheet HTML 69Page - PMC-Sierra, Inc PM4332 Datasheet HTML 70Page - PMC-Sierra, Inc PM4332 Datasheet HTML 71Page - PMC-Sierra, Inc PM4332 Datasheet HTML 72Page - PMC-Sierra, Inc PM4332 Datasheet HTML 73Page - PMC-Sierra, Inc PM4332 Datasheet HTML 74Page - PMC-Sierra, Inc PM4332 Datasheet HTML 75Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 446 page
background image
PRELIMINARY
PM4332 TE-32
DATA SHEET
PMC-2011402
ISSUE 1
HIGH DENSITY 32 CHANNEL T1/E1/J1 FRAMER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR THE INTERNAL USE OF ITS CUSTOMERS
62
The transmitter provides per-channel control of idle code substitution, data
inversion (either all 8 bits, sign bit magnitude or magnitude only), and zero code
suppression. Three types of zero code suppression (GTE, Bell and "jammed bit
8") are supported and selected on a per-channel basis to provide minimum ones
density control. Context bits provide per-channel control of robbed bit signaling
and selection of the signaling source. All channels can be forced into a trunk
conditioning state by the Master Trunk Conditioning (MTRK) context bit. The
transmitter may source pseudo-random bit sequences (PRBS) in a selected sub-
set of channels, while simultaneously monitoring the data from the system
interface for PRBS errors.
A data link is provided for ESF mode. The data link sources include bit oriented
codes and HDLC messages. If the T1_FDL_DIS context bit is logic 1, the data
link is sourced from the F-bit position of the H-MVIP or SBI interface. Support is
provided for the transmission of framed or unframed Inband Code sequences
and transmission of AIS, Yellow, AIS-CI and RAI-CI (ESF only) alarm signals for
all formats.
If the AUTOUPDATE bit of the T1/E1 Framer Configuration and Status register is
logic 1, the T1 transmitter automatically sends an ANSI T1.403-formatted
performance report on the T1 facility data link once per second.
The F-bit may be passed transparently from either the H-MVIP or SBI interface.
To support alignment of the robbed bit signaling to the F-bits, the C8MVFPB input
may be redefined as a superframe alignment pulse.
The transmitter can be disabled for framing via the FDIS context bit.
9.8.1 SLC
96
SLC
96 is partially supported. The F-bits must be sourced from the system
interface. To pass the F-bits transparently, the FDIS context bit must be set.
Also, a superframe alignment must be provided to ensure the robbed-bit
signaling is inserted in the correct frames relative to the F-bits. To ensure the
framing is not corrupted, the timing must be configured to avoid controlled frame
slips.
When using the SBI interface, it is recommended the transmit frame slip buffer be
bypassed and that the transmit clock be locked to the data stream (i.e. TJAT
LOOPT and REFSEL context bits logic 0).
With an H-MVIP interface, the transmit elastic store cannot be bypassed, so the
transmit clock must be locked to CTCLK which must be presented a clock that is
locked to CMV8MCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com