Electronic Components Datasheet Search
  English  ▼

X  

PM4332 Datasheet(PDF) 79 Page - PMC-Sierra, Inc

Part # PM4332
Description  HIGH DENSITY 32 CHANNEL T1/E1/J1 FRAMER
PDF  446 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4332 Datasheet(HTML) 79 Page - PMC-Sierra, Inc

Back Button PM4332 Datasheet HTML 75Page - PMC-Sierra, Inc PM4332 Datasheet HTML 76Page - PMC-Sierra, Inc PM4332 Datasheet HTML 77Page - PMC-Sierra, Inc PM4332 Datasheet HTML 78Page - PMC-Sierra, Inc PM4332 Datasheet HTML 79Page - PMC-Sierra, Inc PM4332 Datasheet HTML 80Page - PMC-Sierra, Inc PM4332 Datasheet HTML 81Page - PMC-Sierra, Inc PM4332 Datasheet HTML 82Page - PMC-Sierra, Inc PM4332 Datasheet HTML 83Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 446 page
background image
PRELIMINARY
PM4332 TE-32
DATA SHEET
PMC-2011402
ISSUE 1
HIGH DENSITY 32 CHANNEL T1/E1/J1 FRAMER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR THE INTERNAL USE OF ITS CUSTOMERS
70
9.12 T1/E1 Pseudo Random Binary Sequence Generation and Detection (PRBS)
The Pseudo Random Binary Sequence Generator/Detector (PRBS) is a software
selectable PRBS generator and checker for 27-1, 211-1, 215-1 or 220-1 PRBS
polynomials for use in the T1 and E1 links. PRBS patterns may be generated
and monitored in both the transmit or receive directions for all T1 and E1 links
simultaneously. The generator is capable of inserting single bit errors under
microprocessor control.
The detector auto-synchronizes to the expected PRBS pattern and accumulates
the total number of bit errors in a 16-bit counter. The error count accumulates
over the interval defined by writes to the Global PMON Update register. When a
transfer is triggered, the holding register is updated, and the counter reset to
begin accumulating for the next interval. The counter is reset in such a way that
no events are missed. The data is then available until the next transfer.
In addition to the basic PRBS generators and receivers associated with each
T1/E1 link, six full featured generator/receiver pairs are available for association
with any software selectable link. Any subset of bits within a frame (except the
T1 F-bit) may be programmed to carry either a pseudo-random or fixed pattern.
The six generators can be programmed to generate any pseudo-random pattern
with length up to 232-1 bits or any user programmable bit pattern from 1 to 32 bits
in length. It also can generate the four DDS codes specified by Bellcore GR-819-
CORE. In addition, the PRGD can insert single bit errors or a bit error rate
between 10-1 to 10-7.
The six receivers can be programmed to check for the generated pseudo random
pattern. The receivers can perform an auto synchronization to the expected
pattern and accumulates the total number of bits received and the total number of
bit errors in two 32-bit counters. The counters accumulate either over intervals
defined by writes to the Pattern Detector registers or upon writes to the Global
PMON Update Register. When a transfer is triggered, the holding registers are
updated, and the counters reset to begin accumulating for the next interval. The
counters are reset in such a way that no events are missed. The data is then
available in the holding registers until the next transfer.
9.13 Egress H-MVIP System Interface
The Egress H-MVIP System Interface (Figure 11) provides system side H-MVIP
access for up to 32 T1 or E1 transmit streams. There are three separate
interfaces for data, CAS signaling and CCS signaling. The H-MVIP signaling
interfaces can be used in combination with the SBI interface in certain
applications. Control of the system side interface is global to TE-32 and is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com