Electronic Components Datasheet Search
  English  ▼

X  

PM4332 Datasheet(PDF) 97 Page - PMC-Sierra, Inc

Part # PM4332
Description  HIGH DENSITY 32 CHANNEL T1/E1/J1 FRAMER
PDF  446 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4332 Datasheet(HTML) 97 Page - PMC-Sierra, Inc

Back Button PM4332 Datasheet HTML 93Page - PMC-Sierra, Inc PM4332 Datasheet HTML 94Page - PMC-Sierra, Inc PM4332 Datasheet HTML 95Page - PMC-Sierra, Inc PM4332 Datasheet HTML 96Page - PMC-Sierra, Inc PM4332 Datasheet HTML 97Page - PMC-Sierra, Inc PM4332 Datasheet HTML 98Page - PMC-Sierra, Inc PM4332 Datasheet HTML 99Page - PMC-Sierra, Inc PM4332 Datasheet HTML 100Page - PMC-Sierra, Inc PM4332 Datasheet HTML 101Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 446 page
background image
PRELIMINARY
PM4332 TE-32
DATA SHEET
PMC-2011402
ISSUE 1
HIGH DENSITY 32 CHANNEL T1/E1/J1 FRAMER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR THE INTERNAL USE OF ITS CUSTOMERS
88
Register 0x0002: Global Configuration
Bit
Type
Function
Default
Bit 7
R/W
MINTE
0
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
Unused
X
Bit 2
Unused
X
Bit 1
R/W
SYSOPT[1]
1
Bit 0
R/W
SYSOPT[0]
0
MINTE:
The Master Interrupt Enable allows internal interrupt statuses to be
propagated to the interrupt output. If MINTE is logic 1, INTB will be asserted
low upon the assertion of an interrupt status bit whose individual enable is
set. If MINTE is logic 0, INTB is unconditionally high-impedance.
SYSOPT[1:0]:
The System Side Options bits, SYSOPT[1:0], configure the system side
interface of the TE-32. The possible system side interface selections are H-
MVIP backplane interfaces, Scaleable Bandwidth Interconnect bus interface
and a combination SBI bus with CAS or CCS H-MVIP interface. The following
table shows the SYSOPT[1:0] values for each system side interface
configuration:
SYSOPT[1:0]
System Interface Mode
00
Reserved
01
H-MVIP Interface
10
SBI Interface (default)
11
SBI Interface with CAS or CCS H-MVIP Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com