Electronic Components Datasheet Search
  English  ▼

X  

PM4332 Datasheet(PDF) 49 Page - PMC-Sierra, Inc

Part # PM4332
Description  HIGH DENSITY 32 CHANNEL T1/E1/J1 FRAMER
PDF  446 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4332 Datasheet(HTML) 49 Page - PMC-Sierra, Inc

Back Button PM4332 Datasheet HTML 45Page - PMC-Sierra, Inc PM4332 Datasheet HTML 46Page - PMC-Sierra, Inc PM4332 Datasheet HTML 47Page - PMC-Sierra, Inc PM4332 Datasheet HTML 48Page - PMC-Sierra, Inc PM4332 Datasheet HTML 49Page - PMC-Sierra, Inc PM4332 Datasheet HTML 50Page - PMC-Sierra, Inc PM4332 Datasheet HTML 51Page - PMC-Sierra, Inc PM4332 Datasheet HTML 52Page - PMC-Sierra, Inc PM4332 Datasheet HTML 53Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 446 page
background image
PRELIMINARY
PM4332 TE-32
DATA SHEET
PMC-2011402
ISSUE 1
HIGH DENSITY 32 CHANNEL T1/E1/J1 FRAMER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR THE INTERNAL USE OF ITS CUSTOMERS
40
Pin Name
Type
Pin
No.
Function
RSTB
Input
W20 Active Low Reset (RSTB). This signal provides
an asynchronous TE-32 reset. RSTB is a
Schmitt triggered input with an integral pull up
resistor.
ALE
Input
AA22 Address Latch Enable (ALE). This signal is
active high and latches the address bus A[12:0]
when low. When ALE is high, the internal
address latches are transparent. It allows the
TE-32 to interface to a multiplexed address/data
bus. The ALE input has an integral pull up
resistor.
JTAG Interface
TCK
Input
B1
Test Clock (TCK). This signal provides timing for
test operations that can be carried out using the
IEEE P1149.1 test access port.
TMS
Input
D2
Test Mode Select (TMS). This signal controls
the test operations that can be carried out using
the IEEE P1149.1 test access port. TMS is
sampled on the rising edge of TCK. TMS has an
integral pull up resistor.
TDI
Input
E3
Test Data Input (TDI). This signal carries test
data into the TE-32 via the IEEE P1149.1 test
access port. TDI is sampled on the rising edge
of TCK. TDI has an integral pull up resistor.
TDO
Output D1
Test Data Output (TDO). This signal carries test
data out of the TE-32 via the IEEE P1149.1 test
access port. TDO is updated on the falling edge
of TCK. TDO is a tri-state output which is
inactive except when scanning of data is in
progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com