Electronic Components Datasheet Search
  English  ▼

X  

PM4332 Datasheet(PDF) 89 Page - PMC-Sierra, Inc

Part # PM4332
Description  HIGH DENSITY 32 CHANNEL T1/E1/J1 FRAMER
PDF  446 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4332 Datasheet(HTML) 89 Page - PMC-Sierra, Inc

Back Button PM4332 Datasheet HTML 85Page - PMC-Sierra, Inc PM4332 Datasheet HTML 86Page - PMC-Sierra, Inc PM4332 Datasheet HTML 87Page - PMC-Sierra, Inc PM4332 Datasheet HTML 88Page - PMC-Sierra, Inc PM4332 Datasheet HTML 89Page - PMC-Sierra, Inc PM4332 Datasheet HTML 90Page - PMC-Sierra, Inc PM4332 Datasheet HTML 91Page - PMC-Sierra, Inc PM4332 Datasheet HTML 92Page - PMC-Sierra, Inc PM4332 Datasheet HTML 93Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 446 page
background image
PRELIMINARY
PM4332 TE-32
DATA SHEET
PMC-2011402
ISSUE 1
HIGH DENSITY 32 CHANNEL T1/E1/J1 FRAMER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR THE INTERNAL USE OF ITS CUSTOMERS
80
Address
Register
0x0114
TPCC PRBS Error Insert Status
0x0118
RHDL Indirect Status
0x0119
RHDL Indirect Channel Address Register
0x011A - 0x011D
RHDL Indirect Channel Data Registers
0x011E
RHDL Interrupt Control
0x011F - 0x0124
RHDL Interrupt Status
0x0130
THDL Indirect Status
0x0131
THDL Indirect Channel Address Register
0x0132 - 0x0136
THDL Indirect Channel Data Registers
0x0137 - 0x013C
THDL Interrupt Status
0x0150
SIGX Indirect Status/Time-slot Address
0x0151
SIGX Indirect Channel Address Register
0x0152 - 0x0156
SIGX Indirect Channel Data Registers
0xx157
SIGX Configuration
0x0158 - 0x015D
Change of Signaling Status
0x0163
Change of Signaling Status Interrupt Enable
0x0168
T1/E1 Transmitter Indirect Status
0x0169
T1/E1 Transmitter Indirect Channel Address
0x016A - 0x016F
T1/E1 Transmitter Indirect Channel Data Registers
0x0170
T1/E1 Framer Indirect Status
0x0171
T1/E1 Framer Indirect Channel Address Register
0x0172 - 0x0186
T1/E1 Framer Indirect Channel Data Registers
0x0187
T1/E1 Framer Configuration and Status
0x0188 - 0x018D
T1/E1 Framer Interrupt Status
0x01C0
System Side SBI Master Reset / Bus Signal Monitor
0x01C1
System Side SBI Master Configuration
0x01C2
System Side SBI Bus Master Configuration
0x01D0
System Side EXSBI Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com