Electronic Components Datasheet Search
  English  ▼

X  

PM4332 Datasheet(PDF) 61 Page - PMC-Sierra, Inc

Part # PM4332
Description  HIGH DENSITY 32 CHANNEL T1/E1/J1 FRAMER
PDF  446 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4332 Datasheet(HTML) 61 Page - PMC-Sierra, Inc

Back Button PM4332 Datasheet HTML 57Page - PMC-Sierra, Inc PM4332 Datasheet HTML 58Page - PMC-Sierra, Inc PM4332 Datasheet HTML 59Page - PMC-Sierra, Inc PM4332 Datasheet HTML 60Page - PMC-Sierra, Inc PM4332 Datasheet HTML 61Page - PMC-Sierra, Inc PM4332 Datasheet HTML 62Page - PMC-Sierra, Inc PM4332 Datasheet HTML 63Page - PMC-Sierra, Inc PM4332 Datasheet HTML 64Page - PMC-Sierra, Inc PM4332 Datasheet HTML 65Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 446 page
background image
PRELIMINARY
PM4332 TE-32
DATA SHEET
PMC-2011402
ISSUE 1
HIGH DENSITY 32 CHANNEL T1/E1/J1 FRAMER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR THE INTERNAL USE OF ITS CUSTOMERS
52
for CAS multiframe alignment pattern errors. The E1 framer also detects and
indicates loss of basic frame, loss of CRC multiframe, and loss of CAS
multiframe, based on user-selectable criteria. The reframe operation can be
initiated by software, by excessive CRC errors, or when CRC multiframe
alignment is not found within 400 ms.
The E1 framer extracts the contents of the International bits (from both the FAS
frames and the NFAS frames), the National bits, and the Extra bits (from timeslot
16 of frame 0 of the CAS multiframe). Moreover, the framer also extracts
submultiframe-aligned 4-bit codewords from each of the National bit positions
Sa4 to Sa8, and stores them in microprocessor-accessible registers that are
updated every CRC submultiframe.
The E1 framer identifies the raw bit values for the Remote (or distant frame)
Alarm (bit 3 in timeslot 0 of NFAS frames) and the Remote Signaling Multiframe
(or distant multiframe) Alarm (bit 6 of timeslot 16 of frame 0 of the CAS
multiframe). Access is also provided to the "debounced" remote alarm and
remote signaling multiframe alarm bits which are set when the corresponding
signals have been a logic 1 for 4 (provided the RAIC bit is logic 1) and 3
consecutive occurrences, respectively, as per Recommendation O.162.
Detection of AIS and timeslot 16 AIS are provided. AIS is also integrated, and an
AIS Alarm is indicated if the AIS condition has persisted for at least 100 ms. The
out of frame (OOF=1) condition is also integrated, indicating a Red Alarm if the
OOF condition has persisted for at least 100 ms.
An interrupt may be generated to signal a change in the state of any status bits
(INF, INSMF, INCMF, AIS or RED), and to signal when any event (RAI, RMAI,
AISD, TS16AISD, COFA, FER, SMFER, CMFER, CRCE or FEBE) has occurred.
Additionally, interrupts may be generated every frame, CRC submultiframe, CRC
multiframe or signaling multiframe.
Basic Frame Alignment Procedure
The E1 framer searches for basic frame alignment using the algorithm defined in
ITU-T Recommendation G.706 sections 4.1.2 and 4.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com