Electronic Components Datasheet Search
  English  ▼

X  

PM4332 Datasheet(PDF) 11 Page - PMC-Sierra, Inc

Part # PM4332
Description  HIGH DENSITY 32 CHANNEL T1/E1/J1 FRAMER
PDF  446 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4332 Datasheet(HTML) 11 Page - PMC-Sierra, Inc

Back Button PM4332 Datasheet HTML 7Page - PMC-Sierra, Inc PM4332 Datasheet HTML 8Page - PMC-Sierra, Inc PM4332 Datasheet HTML 9Page - PMC-Sierra, Inc PM4332 Datasheet HTML 10Page - PMC-Sierra, Inc PM4332 Datasheet HTML 11Page - PMC-Sierra, Inc PM4332 Datasheet HTML 12Page - PMC-Sierra, Inc PM4332 Datasheet HTML 13Page - PMC-Sierra, Inc PM4332 Datasheet HTML 14Page - PMC-Sierra, Inc PM4332 Datasheet HTML 15Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 446 page
background image
PRELIMINARY
PM4332 TE-32
DATA SHEET
PMC-2011402
ISSUE 1
HIGH DENSITY 32 CHANNEL T1/E1/J1 FRAMER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR THE INTERNAL USE OF ITS CUSTOMERS
2
• Frames to TTC JT-G.704 multiframe formatted J1 signals. Supports the
alternate CRC-6 calculation for Japanese applications.
• Provides Red, Yellow, and AIS alarm integration.
• Supports RAI-CI and AIS-CI alarm detection and generation.
• Provides ESF bit-oriented code detection and an HDLC/LAPD interface for
terminating the ESF facility data link.
• Provides Inband Loopback Code generation and detection.
• Indicates signaling state change, and two superframes of signaling debounce
on a per-DS0 basis.
• Provides an HDLC interface with 128 bytes of buffering for terminating the
facility data link.
• Provides performance monitoring counters sufficiently large as to allow
performance monitor counter polling at a minimum rate of once per second.
Optionally, updates the performance monitoring counters and interrupts the
microprocessor once per second, timed to the receive line.
• Provides an optional elastic store, which may be used to time the ingress
streams to a common clock and frame alignment in support of a H-MVIP
interface.
• Provides DS-1 robbed bit signaling extraction and insertion, with optional data
inversion, programmable idle code substitution, digital milliwatt code
substitution, bit fixing, and two superframes of signaling debounce on a per-
channel basis.
• A pseudo-random sequence user selectable from 2
7 –1, 211 –1, 215 –1 or 220 –
1, may be detected in the T1 stream in either the ingress or egress directions.
The detector counts pattern errors using a 16-bit non-saturating PRBS error
counter. The pseudo-random sequence can be the entire T1 or any
combination of DS0s within a framed T1.
• Frames in the presence of and detects the “Japanese Yellow” alarm.
• Supports the alternate CRC-6 calculation for Japanese applications.
• Provides external access for up to three de-jittered recovered T1 clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com