Electronic Components Datasheet Search
  English  ▼

X  

PM4332 Datasheet(PDF) 13 Page - PMC-Sierra, Inc

Part # PM4332
Description  HIGH DENSITY 32 CHANNEL T1/E1/J1 FRAMER
PDF  446 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4332 Datasheet(HTML) 13 Page - PMC-Sierra, Inc

Back Button PM4332 Datasheet HTML 9Page - PMC-Sierra, Inc PM4332 Datasheet HTML 10Page - PMC-Sierra, Inc PM4332 Datasheet HTML 11Page - PMC-Sierra, Inc PM4332 Datasheet HTML 12Page - PMC-Sierra, Inc PM4332 Datasheet HTML 13Page - PMC-Sierra, Inc PM4332 Datasheet HTML 14Page - PMC-Sierra, Inc PM4332 Datasheet HTML 15Page - PMC-Sierra, Inc PM4332 Datasheet HTML 16Page - PMC-Sierra, Inc PM4332 Datasheet HTML 17Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 446 page
background image
PRELIMINARY
PM4332 TE-32
DATA SHEET
PMC-2011402
ISSUE 1
HIGH DENSITY 32 CHANNEL T1/E1/J1 FRAMER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR THE INTERNAL USE OF ITS CUSTOMERS
4
• Provides minimum ones density through Bell (bit 7), GTE or “jammed bit 8”
zero code suppression on a per-DS0 basis. Provides a 128 byte buffer to
allow insertion of the facility data link using the host interface.
• Supports transmission of the alarm indication signal (AIS) or the Yellow alarm
signal in SF, SLC
96 and ESF formats.
• Provides transparency for the F-bit to support SLC96 data link insertion.
• Autonomously transmits an ESF Performance Report Message each second.
• Provides a digital phase locked loop for generation of a low jitter transmit
clock.
• Provides a FIFO buffer for jitter attenuation and rate conversion in the
transmitter.
• Supports the alternate ESF CRC-6 calculation for Japanese applications.
• A pseudo-random sequence user selectable from 2
7 –1, 211 –1, 215 –1 or 220 –
1, may be inserted into the T1 stream in either the ingress or egress
directions. The pseudo-random sequence can be inserted into the entire T1 or
any combination of DS0s within the framed T1.
Each one of 32 E1 transmitter sections:
• Provides a FIFO buffer for jitter attenuation and rate conversion in the
transmit path.
• Transmits G.704 basic and CRC-4 multiframe formatted E1.
• Supports unframed mode and framing bit, CRC, or data link by-pass.
• Provides signaling insertion, programmable idle code substitution, digital
milliwatt code substitution, and data inversion on a per channel basis.
• Provides trunk conditioning which forces programmable trouble code
substitution and signaling conditioning on all channels or on selected
channels.
• Provides a digital phase locked loop for generation of a low jitter transmit
clock.
• A pseudo-random sequence user selectable from 2
7 –1, 211 –1, 215 –1 or 220 –
1, may be inserted into the E1 stream in either the ingress or egress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com