Electronic Components Datasheet Search
  English  ▼

X  

PM4332 Datasheet(PDF) 60 Page - PMC-Sierra, Inc

Part # PM4332
Description  HIGH DENSITY 32 CHANNEL T1/E1/J1 FRAMER
PDF  446 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4332 Datasheet(HTML) 60 Page - PMC-Sierra, Inc

Back Button PM4332 Datasheet HTML 56Page - PMC-Sierra, Inc PM4332 Datasheet HTML 57Page - PMC-Sierra, Inc PM4332 Datasheet HTML 58Page - PMC-Sierra, Inc PM4332 Datasheet HTML 59Page - PMC-Sierra, Inc PM4332 Datasheet HTML 60Page - PMC-Sierra, Inc PM4332 Datasheet HTML 61Page - PMC-Sierra, Inc PM4332 Datasheet HTML 62Page - PMC-Sierra, Inc PM4332 Datasheet HTML 63Page - PMC-Sierra, Inc PM4332 Datasheet HTML 64Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 446 page
background image
PRELIMINARY
PM4332 TE-32
DATA SHEET
PMC-2011402
ISSUE 1
HIGH DENSITY 32 CHANNEL T1/E1/J1 FRAMER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR THE INTERNAL USE OF ITS CUSTOMERS
51
frame condition and all-ones in the PCM data stream have been present for 2.55
sec (±40 ms); the AIS alarm is removed when the AIS condition has been absent
for 16.6 sec (±500 ms).
CFA alarm detection algorithms operate in the presence of a 10-3 bit error rate.
9.1.3.1 Customer Interface Alarms
The RAI-CI and AIS-CI alarms defined in T1.403 are detected reliably.
By definition, RAI-CI is a repetitive pattern within the ESF data link with a period
of 1.08 seconds. It consists of sequentially interleaving 0.99 seconds of
00000000 11111111 (right-to-left) with 90 ms of 00111110 11111111.
RAI-CI is declared when a bit oriented code of “00111110 11111111” is validated
(i.e. two consecutive patterns) while RAI (a.k.a. Yellow alarm) is declared. RAI-CI
is cleared upon deassertion of RAI or upon 28 consecutive 40ms intervals
without validation of “00111110 11111111”.
By definition, AIS-CI is a repetitive pattern of 1.26 seconds. It consists of 1.11
seconds of an unframed all ones pattern and 0.15 seconds of all ones modified
by the AIS-CI signature. The AIS-CI signature is a repetitive pattern 6176 bits in
length in which, if the first bit is numbered bit 0, bits 3088, 3474 and 5790 are
logical zeros and all other bits in the pattern are logical ones. AIS-CI is an
unframed pattern, so it is defined for all framing formats.
AIS-CI is declared between 1.40 and 2.56 seconds after initiation of the AIS-CI
signal and is deasserted 16.6 seconds after it ceases.
9.2 E1 Framing
E1 framing can be performed on up to 32 tributaries.
The E1 framing function searches for basic frame alignment, CRC multiframe
alignment, and channel associated signaling (CAS) multiframe alignment in the
incoming recovered PCM stream.
Once basic (or FAS) frame alignment has been found, the incoming PCM data
stream is continuously monitored for FAS/NFAS framing bit errors, which are
accumulated in a framing bit error counter dedicated to each tributary. Once
CRC multiframe alignment has been found, the PCM data stream is continuously
monitored for CRC multiframe alignment pattern errors and CRC-4 errors, which
are accumulated in a CRC error counter dedicated to each tributary. Once CAS
multiframe alignment has been found, the PCM data is continuously monitored



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com