Electronic Components Datasheet Search
  English  ▼

X  

STAC9766 Datasheet(PDF) 32 Page - Integrated Device Technology

Part # STAC9766
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9766 Datasheet(HTML) 32 Page - Integrated Device Technology

Back Button STAC9766 Datasheet HTML 28Page - Integrated Device Technology STAC9766 Datasheet HTML 29Page - Integrated Device Technology STAC9766 Datasheet HTML 30Page - Integrated Device Technology STAC9766 Datasheet HTML 31Page - Integrated Device Technology STAC9766 Datasheet HTML 32Page - Integrated Device Technology STAC9766 Datasheet HTML 33Page - Integrated Device Technology STAC9766 Datasheet HTML 34Page - Integrated Device Technology STAC9766 Datasheet HTML 35Page - Integrated Device Technology STAC9766 Datasheet HTML 36Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 97 page
background image
STAC9766/9767
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PC AUDIO
IDT™
32
STAC9766/9767
V 7.4 12/06
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
12 bit positions, which are stuffed with 0 by the AC‘97 Controller. This ensures that regardless of the
resolution of the implemented DAC (16, 18 or 20-bit), no DC biasing will be introduced by the least
significant bits.
When mono audio sample streams are output from the AC‘97 Controller it is necessary that BOTH
left and right sample stream time slots be filled with the same data.
5.3.1.
Slot 0: TAG / CODEC ID
Note: The DAC can be assigned to slots 3&4, 6&9, 7&8, or 10&11.
Within slot 0, the first bit is a global bit (SDATA_OUT slot 0, bit 15) which flags the validity for the
entire audio frame. If the “Valid Frame” bit is a 1, this indicates that the current audio frame contains
at least one time slot of valid data. The next 12 bit positions sampled by AC‘97 indicate which of the
corresponding 12 time slots contain valid data. In this way data streams of differing sample rates can
be transmitted across AC-link at its fixed 48 KHz audio frame rate.
The two LSBs of Slot 0 transmit the CODEC ID used to distinguish Primary and Secondary CODEC
register access.
5.3.2.
Slot 1: Command Address Port
The command port is used to control features, and monitor status (see AC-link input frame Slots 1
and 2) for AC‘97 CODEC functions including, but not limited to, mixer settings and power manage-
ment (refer to the control register section of this specification).
Table 7. Output Slot 0 Bit Definitions
Bit
Description
15
Frame Valid
14
Slot 1 Primary CODEC Valid Command Address bit (Primary CODEC only)
13
Slot 2 Primary CODEC Valid Command Data bit (Primary CODEC only)
Slot 3-12 Valid Data bits
12
Slot 3: PCM Left channel
11
Slot 4: PCM Right channel
10
Slot 5: Modem Line 1 (not used on STAC9766/9767)
9
Slot 6: Alternative PCM1 Left
8
Slot 7: Alternative PCM2 Left
7
Slot 8: Alternative PCM2 Right
6
Slot 9: Alternative PCM1 Right
5
Slot 10: SPDIF Left
4
Slot 11: SPDIF Right
3
Slot 12: Audio GPIO
2
Reserved (Set to 0)
1-0
2-bit CODEC ID field (00 reserved for Primary; 01, 10, 11 indicate Secondary)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com