Electronic Components Datasheet Search
  English  ▼

X  

STAC9766 Datasheet(PDF) 92 Page - Integrated Device Technology

Part # STAC9766
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9766 Datasheet(HTML) 92 Page - Integrated Device Technology

Back Button STAC9766 Datasheet HTML 88Page - Integrated Device Technology STAC9766 Datasheet HTML 89Page - Integrated Device Technology STAC9766 Datasheet HTML 90Page - Integrated Device Technology STAC9766 Datasheet HTML 91Page - Integrated Device Technology STAC9766 Datasheet HTML 92Page - Integrated Device Technology STAC9766 Datasheet HTML 93Page - Integrated Device Technology STAC9766 Datasheet HTML 94Page - Integrated Device Technology STAC9766 Datasheet HTML 95Page - Integrated Device Technology STAC9766 Datasheet HTML 96Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 97 page
background image
STAC9766/9767
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PC AUDIO
IDT™
92
STAC9766/9767
V 7.4 12/06
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
15.SOLDER REFLOW PROFILE
15.1. Standard Reflow Profile Data
Note: These devices can be hand soldered at 360
oC for 3 to 5 seconds.
FROM: IPC / JEDEC J-STD-020C “Moisture/Reflow Sensitivity Classification for Nonhermetic Solid State Surface Mount
Devices” (www.jedec.org/download).
Figure 26. Solder Reflow Profile
Profile Feature
Pb Free Assembly
Average Ramp-Up Rate (Tsmax - Tp)
3
oC / second max
Preheat
Temperature Min (Tsmin)
Temperature Max
(Tsmax)
Time (tsmin - tsmax)
150 oC
200 oC
60 - 180 seconds
Time maintained above
Temperature (T
L)
Time (t
L)
217 oC
60 - 150 seconds
Peak / Classification Temperature (Tp)
See “Package Classification Reflow Temperatures”
on page 93.
Time within 5 oC of actual Peak Temperature (tp)
20 - 40 seconds
Ramp-Down rate
6 oC / second max
Time 25
oC to Peak Temperature
8 minutes max
Note: All temperatures refer to topside of the package, measured on the package body surface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com