Electronic Components Datasheet Search
  English  ▼

X  

STAC9766 Datasheet(PDF) 63 Page - Integrated Device Technology

Part # STAC9766
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9766 Datasheet(HTML) 63 Page - Integrated Device Technology

Back Button STAC9766 Datasheet HTML 59Page - Integrated Device Technology STAC9766 Datasheet HTML 60Page - Integrated Device Technology STAC9766 Datasheet HTML 61Page - Integrated Device Technology STAC9766 Datasheet HTML 62Page - Integrated Device Technology STAC9766 Datasheet HTML 63Page - Integrated Device Technology STAC9766 Datasheet HTML 64Page - Integrated Device Technology STAC9766 Datasheet HTML 65Page - Integrated Device Technology STAC9766 Datasheet HTML 66Page - Integrated Device Technology STAC9766 Datasheet HTML 67Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 97 page
background image
STAC9766/9767
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PC AUDIO
IDT™
63
STAC9766/9767
V 7.4 12/06
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
8.1.21.
PCM DAC Rate Registers (2Ch and 32h)
The internal sample rate for the DACs and ADCs is controlled by the value in these read/write regis-
ters that contain a 16-bit unsigned value between 0 and 65535 representing the conversion rate in
Hertz (Hz). In VRA mode (register 2Ah bit D0 = 1), if the value written to these registers is supported,
that value will be echoed back when read, otherwise the closest (higher in the case of a tie) sample
rate is supported and returned. Per PC 99 / PC 2001 specification, independent sample rates are
supported for record and playback.
Whenever VRA is set to 0, the PCM rate registers (2Ch and 32h) will be loaded with BB80h
(48 KHz).
If VRA is set to a 0, any write to this address will be ignored and the rate remains at 48 KHz.
8.1.22.
PCM DAC Rate (2Ch)
Default: BB80h (see table22: page63)
8.1.23.
PCM LR ADC Rate (32h)
Default: BB80h (see table22: page63)
Table 22. Hardware Supported Sample Rates
Sample Rate
SR15-SR0 Value
8 KHz
1F40h
11.025 KHz
2B11h
16 KHz
3E80h
22.05 KHz
5622h
32 KHz
7D00h
44.1 KHz
AC44h
48 KHz
BB80h
D15
D14
D13
D12
D11
D10
D9
D8
SR15
SR14
SR13
SR12
SR11
SR10
SR9
SR8
D7
D6
D5
D4
D3
D2
D1
D0
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
D15
D14
D13
D12
D11
D10
D9
D8
SR15
SR14
SR13
SR12
SR11
SR10
SR9
SR8
D7
D6
D5
D4
D3
D2
D1
D0
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com