Electronic Components Datasheet Search
  English  ▼

X  

STAC9766 Datasheet(PDF) 70 Page - Integrated Device Technology

Part # STAC9766
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9766 Datasheet(HTML) 70 Page - Integrated Device Technology

Back Button STAC9766 Datasheet HTML 66Page - Integrated Device Technology STAC9766 Datasheet HTML 67Page - Integrated Device Technology STAC9766 Datasheet HTML 68Page - Integrated Device Technology STAC9766 Datasheet HTML 69Page - Integrated Device Technology STAC9766 Datasheet HTML 70Page - Integrated Device Technology STAC9766 Datasheet HTML 71Page - Integrated Device Technology STAC9766 Datasheet HTML 72Page - Integrated Device Technology STAC9766 Datasheet HTML 73Page - Integrated Device Technology STAC9766 Datasheet HTML 74Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 97 page
background image
STAC9766/9767
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PC AUDIO
IDT™
70
STAC9766/9767
V 7.4 12/06
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
8.4.2.
PCI SVID (62h Page 01h)
Register 24h must be set to Page 01h to access this register.
Default: FFFFh
Note: This register is populated by the BIOS and does not reset on RESET#.
8.4.3.
PCI SSID (64h Page 01h)
Register 24h must be set to Page 01h to access this register.
Default: FFFFh
12-8
CL4:CL0
CODEC Compatibility Class (RO)
This is a CODEC vendor specific field to define software compatibility for
the CODEC. Software read this field together with CODEC vendor ID
(reg 7C-7Eh) to determine vendor specific programming interface
compatibility. Software can rely on vendor specific register behavior to be
compatible among vendor CODECs of the same class.
00h - Field not implemented
01h-1Fh - Vendor specific compatibility class code
Equals Vendor ID2(Reg 7Eh) bits D7 to D0
7-0
RV7:RV0
Revision ID: (RO)
This register specifies a device specific revision identifier. The value is
chosen by the vendor. Zero is an acceptable value. This field should be
viewed as a vendor defined extension to the CODEC ID. This number
changes with new CODEC stepping of the same CODEC ID.
Equals Major Rev bits (Reg 6Ch) bits D7 to D0.
D15
D14
D13
D12
D11
D10
D9
D8
PVI15
PVI14
PVI13
PVI12
PVI11
PVI10
PVI9
PVI8
D7
D6
D5
D4
D3
D2
D1
D0
PVI7
PVI6
PVI5
PVI4
PVI3
PVI2
PVI1
PVI0
Bit(s) Reset Value
Name
Description
15-0
PVI15:PVI0
PCI Sub System Vendor ID:
This field provides the PCI Sub System Vendor ID of the Audio or Modem Sub
Assembly Vendor (i.e., CNR manufacturer, Motherboard Vendor). This is NOT the
CODEC vendor PCI Vendor ID, nor the AC '97 controller PCI Vendor ID.
If data is not available, returns FFFFh.
D15
D14
D13
D12
D11
D10
D9
D8
PI15
PI14
PI13
PI12
PI11
PI10
PI9
PI8
D7
D6
D5
D4
D3
D2
D1
D0
PI7
PI6
PI5
PI4
PI3
PI2
PI1
PI0
Bit(s)
Reset Value
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com