Electronic Components Datasheet Search
  English  ▼

X  

STAC9766 Datasheet(PDF) 71 Page - Integrated Device Technology

Part # STAC9766
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9766 Datasheet(HTML) 71 Page - Integrated Device Technology

Back Button STAC9766 Datasheet HTML 67Page - Integrated Device Technology STAC9766 Datasheet HTML 68Page - Integrated Device Technology STAC9766 Datasheet HTML 69Page - Integrated Device Technology STAC9766 Datasheet HTML 70Page - Integrated Device Technology STAC9766 Datasheet HTML 71Page - Integrated Device Technology STAC9766 Datasheet HTML 72Page - Integrated Device Technology STAC9766 Datasheet HTML 73Page - Integrated Device Technology STAC9766 Datasheet HTML 74Page - Integrated Device Technology STAC9766 Datasheet HTML 75Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 97 page
background image
STAC9766/9767
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PC AUDIO
IDT™
71
STAC9766/9767
V 7.4 12/06
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
Note: This register is populated by the BIOS and does not reset on RESET#.
8.4.4.
Function Select (66h Page 01h)
Register 24h must be set to Page 01h to access this register.
Default: 0000h
Bit(s) Reset Value
Name
Description
15-0
PI15:PVI0
PCI Sub System ID:
This field provides the PCI Sub System ID of the Audio or Modem Sub Assembly
(i.e., CNR Model, Motherboard SKU). This is NOT the CODEC vendor PCI ID, nor
the AC '97 controller PCI ID. Information in this field must be available for AC '97
controller reads when CODEC ready is asserted in AC link.If data is not available,
returns FFFFh.
D15
D14
D13
D12
D11
D10
D9
D8
RESERVED
D7
D6
D5
D4
D3
D2
D1
D0
RESERVED
FC3
FC2
FC1
FC0
T/R
Bit(s) Reset Value
Name
Description
15-5
Reserved Reserved
4-1
00h
FC3:FC0
Function Code bits:
00h - Line Out (Master Out)
01h - Head Phone Out (AUX Out)
Setting the T/R bit to 0 = Left,1 = Right
02h - DAC 3 (C/LFE) - Not Supported
03h - SPDIF out
04h - Phone In
05h - Mic1 (Mic select = 0)
06h - Mic2 (Mic select = 1)
07h - Line In
08h - CD In
09h - Video In
0Ah - Aux In
0Bh - Mono Out
0C- 0Fh - Reserved
For supported Jack and Mic Sense Functions, see Table23: page72.
The Function Code Bits are used to read Register 68h (Page 01h) and Register
6Ah (Page 01h).
Mono I/O should report relevant sense and function information on Tip, and report
not supported on Ring.
Setting the function code to unsupported values will return a 0 when accessing the
Information Valid Bit in page 01 register 68h bit 5.
0
0
T/R
Tip or Ring selection Bit.This bit sets which jack conductor the sense value is
measured from. Software will program the corresponding the Ring/Tip selector bit
together with the I/O number in bits FC[3:0].
0 - Tip (Left)
1 - Ring (Right)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com