Electronic Components Datasheet Search
  English  ▼

X  

STAC9766 Datasheet(PDF) 68 Page - Integrated Device Technology

Part # STAC9766
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9766 Datasheet(HTML) 68 Page - Integrated Device Technology

Back Button STAC9766 Datasheet HTML 64Page - Integrated Device Technology STAC9766 Datasheet HTML 65Page - Integrated Device Technology STAC9766 Datasheet HTML 66Page - Integrated Device Technology STAC9766 Datasheet HTML 67Page - Integrated Device Technology STAC9766 Datasheet HTML 68Page - Integrated Device Technology STAC9766 Datasheet HTML 69Page - Integrated Device Technology STAC9766 Datasheet HTML 70Page - Integrated Device Technology STAC9766 Datasheet HTML 71Page - Integrated Device Technology STAC9766 Datasheet HTML 72Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 97 page
background image
STAC9766/9767
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PC AUDIO
IDT™
68
STAC9766/9767
V 7.4 12/06
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
8.3.
Extended CODEC Registers Page Structure Definition
Registers 60h-68h are the Extended CODEC Registers: These registers allow for the defi-
nition of further capabilities. These bits provide a paged address space for extended
CODEC information. The Page Selector bits in the Audio Interrupt and Paging register
(Register 24h bits 3:0) control the page of information viewed through this page window.
8.3.1.
Extended Registers Page 00
Page 00 of the Extended CODEC Registers is reserved for vendor specific use. Driver writ-
ers should not access these registers unless the Vendor ID register has been checked first
to ensure that the vendor of the AC '97 component has been identified and the usage of the
vendor defined registers understood.
8.3.2.
Extended Registers Page 01
The usage of Page 01 of the Extended CODEC Registers is defined in Register 24h found
in Section 8.1.17: page 57.
8.3.3.
Extended Registers Page 02, 03
Pages 02 and 03 of the Extended CODEC Registers are reserved for future use.
1
Read / Write
x
GI1
When GPIO1 is configured as output and Register h74 bit[0] = 0 (default),
the value of this register will be placed on the GPIO1 pad.
When GPIO1 is configured as output and Register h74 bit[0] = 1, the
GPIO1 pad will get its value from slot12.
When GPIO1 is configured as input and configured as a sticky, writing a
1 does nothing, writing a 0 clears this bit.
When GPIO1 is configured as input, this register reflects the value on the
GPIO1 pad after interpretation of the polarity and sticky configurations.
0
Read / Write
x
GI0
When GPIO0 is configured as output and Register h74 bit[0] = 0 (default),
the value of this register will be placed on the GPIO0 pad.
When GPIO0 is configured as output and Register h74 bit[0] = 1, the
GPIO0 pad will get its value from slot12.
When GPIO0 is configured as input and configured as a sticky, writing a
1 does nothing, writing a 0 clears this bit.
When GPIO0 is configured as input, this register reflects the value on the
GPIO0 pad after interpretation of the polarity and sticky configurations.
Bit(s)
Access
Reset
Value
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com