Electronic Components Datasheet Search
  English  ▼

X  

STAC9766 Datasheet(PDF) 86 Page - Integrated Device Technology

Part # STAC9766
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9766 Datasheet(HTML) 86 Page - Integrated Device Technology

Back Button STAC9766 Datasheet HTML 82Page - Integrated Device Technology STAC9766 Datasheet HTML 83Page - Integrated Device Technology STAC9766 Datasheet HTML 84Page - Integrated Device Technology STAC9766 Datasheet HTML 85Page - Integrated Device Technology STAC9766 Datasheet HTML 86Page - Integrated Device Technology STAC9766 Datasheet HTML 87Page - Integrated Device Technology STAC9766 Datasheet HTML 88Page - Integrated Device Technology STAC9766 Datasheet HTML 89Page - Integrated Device Technology STAC9766 Datasheet HTML 90Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 97 page
background image
STAC9766/9767
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PC AUDIO
IDT™
86
STAC9766/9767
V 7.4 12/06
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
12.ORDERING INFORMATION
12.1. STAC9766/9767 Family Options and Part Order Numbers
NOTE: When ordering these parts the “yy” will be replaced with the CODEC revision. Add an “R” to
the end of any of these part numbers for delivery on Tape and Reel. The minimum order quantity for
Tape and Reel is 2,000 units for both package options.
Table 34. STAC9766/9767 Ordering Information
Part Order Number
Supply Range
Package
STAC9766XXTAEyyX
DVdd = 3.3V, AVdd = 5.0V
48-pin RoHS QFP 7mm x 7mm x 1.4mm
STAC9767XXTAEyyX
DVdd = 3.3V, AVdd = 3.3V
48-pin RoHS QFP 7mm x 7mm x 1.4mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com