Electronic Components Datasheet Search
  English  ▼

X  

STAC9766 Datasheet(PDF) 75 Page - Integrated Device Technology

Part # STAC9766
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9766 Datasheet(HTML) 75 Page - Integrated Device Technology

Back Button STAC9766 Datasheet HTML 71Page - Integrated Device Technology STAC9766 Datasheet HTML 72Page - Integrated Device Technology STAC9766 Datasheet HTML 73Page - Integrated Device Technology STAC9766 Datasheet HTML 74Page - Integrated Device Technology STAC9766 Datasheet HTML 75Page - Integrated Device Technology STAC9766 Datasheet HTML 76Page - Integrated Device Technology STAC9766 Datasheet HTML 77Page - Integrated Device Technology STAC9766 Datasheet HTML 78Page - Integrated Device Technology STAC9766 Datasheet HTML 79Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 97 page
background image
STAC9766/9767
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PC AUDIO
IDT™
75
STAC9766/9767
V 7.4 12/06
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
Bit(s) Reset Value
Name
Description
15-13
ST2:ST0
Connector/Jack location bits
This field describes the location of the jack in the system.
0h - Rear I/O Panel
1h - Front Panel
2h - Motherboard
3h - Dock/External
4h:6h - Reserved
7h - No Connection/unused I/O
These bits are Read/Write.
12-8
S4:S0
Sensed bits meaning relates to the I/O being sense as output or inputs.
Sensed bits (outputs): See Table 27: page75.
This field allows for the reporting of the type of output peripheral/device plugged
in the jack. Values specified below should be interrogated in conjunction with
the SR[5:0] and OR[1:0] bits for accurate reporting.
Sensed bits (inputs): See Table 28: page76.
This field allows for the reporting of the type of input peripheral/device plugged
in the jack. Values specified below should be interrogated in conjunction with
the SR[5:0] and OR[1:0] bits for accurate reporting.
This field is Read Only.
7-6
OR1:0
Order Bits. These bits indicate the order the sense result bits SR[5:0] are using.
00 - 10
0 (i.e., Ohms)
01 - 10
1 (i.e., 10 Ohms)
10 - 102 (i.e., 100 Ohms)
11 - 10
3 (i.e., 1K Ohms)
5-0
SR5:SR0
Sense Result bits
These bits are used to report a vendor specific fingerprint or value. (Resistance,
impedance, reactance, etc.) This field is Read Only.
Table 27. Sensed Bits (Outputs)
Reported Value
Output Peripheral/Device
0h
Data not valid. Indicates that the reported value(s) is invalid.
1h
No connection. Indicates that there are no connected devices.
2h
Fingerprint. Indicates a specific fingerprint value for devices that are not specified or unknown.
3h
Speakers (8 ohms)
4h
Speakers (4 ohms)
5h
Powered Speakers
6h
Stereo Headphone
7h
RESERVED
8h
RESERVED
9h
Headset (mono speaker left channel and mic.)
Ah
Other. Allows a vendor to report sensing other type of devices/peripherals. SR[5:0] together with
OR[1:0] provide information regarding the type of device sensed.
Bh-Eh
Reserved
Fh
Unknown (use fingerprint)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com