Electronic Components Datasheet Search
  English  ▼

X  

STAC9766 Datasheet(PDF) 90 Page - Integrated Device Technology

Part # STAC9766
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9766 Datasheet(HTML) 90 Page - Integrated Device Technology

Back Button STAC9766 Datasheet HTML 86Page - Integrated Device Technology STAC9766 Datasheet HTML 87Page - Integrated Device Technology STAC9766 Datasheet HTML 88Page - Integrated Device Technology STAC9766 Datasheet HTML 89Page - Integrated Device Technology STAC9766 Datasheet HTML 90Page - Integrated Device Technology STAC9766 Datasheet HTML 91Page - Integrated Device Technology STAC9766 Datasheet HTML 92Page - Integrated Device Technology STAC9766 Datasheet HTML 93Page - Integrated Device Technology STAC9766 Datasheet HTML 94Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 97 page
background image
STAC9766/9767
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PC AUDIO
IDT™
90
STAC9766/9767
V 7.4 12/06
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
13.4. Power and Ground Signals
Table 38. Power and Ground Signals
Pin Name
Pin #
Type
Description
AVdd1
25
I
Analog Vdd = 5.0 V or 3.3 V
AVdd2
38
I
Analog Vdd = 5.0 V or 3.3 V
AVss1
26
I
Analog Gnd
AVss2
42
I
Analog Gnd
DVdd1
1
I
Digital Vdd = 3.3 V
DVdd2
9
I
Digital Vdd = 3.3 V
DVss1
4
I
Digital Gnd
DVss2
7
I
Digital Gnd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com