Electronic Components Datasheet Search
  English  ▼

X  

STAC9766 Datasheet(PDF) 95 Page - Integrated Device Technology

Part # STAC9766
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9766 Datasheet(HTML) 95 Page - Integrated Device Technology

Back Button STAC9766 Datasheet HTML 89Page - Integrated Device Technology STAC9766 Datasheet HTML 90Page - Integrated Device Technology STAC9766 Datasheet HTML 91Page - Integrated Device Technology STAC9766 Datasheet HTML 92Page - Integrated Device Technology STAC9766 Datasheet HTML 93Page - Integrated Device Technology STAC9766 Datasheet HTML 94Page - Integrated Device Technology STAC9766 Datasheet HTML 95Page - Integrated Device Technology STAC9766 Datasheet HTML 96Page - Integrated Device Technology STAC9766 Datasheet HTML 97Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 95 / 97 page
background image
STAC9766/9767
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PC AUDIO
IDT™
95
STAC9766/9767
V 7.4 12/06
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
*depends upon chip ID
64h
Page 01h
PCI SID
PI15
PI14
PI13
PI12
PI11
PI10
PI9
PI8
PI7
PI6
PI5
PI4
PI3
PI2
PI1
PI0
FFFFh
66h
VENDOR RESERVED
66h
Page 01h
Function
Select
RSVD
FC3
FC2
FC1
FC0
T/R
0000h
68h
VENDOR RESERVED
68h
Page 01h
Function
Information
G4
G3
G2
G1
G0
INV
DL4
DL3
DL2
DL1
DL0
IV
RSVD
FIP
xxxxh
6Ah
Digital
Audio
Control
RSVD
SPOR
DO1
RSVD
0000h
6Ah
Page 01h
Sense
Details
ST2
ST1
ST0
S4
S3
S2
S1
S0
OR1
OR0
SR5
SR4
SR3
SR2
SR1
SR0
NA
6Ch
Revision
Code
0
0
0
0
0
0
0
0
0
0
0
0
x
x
x
x
00xxh
6Ch
Page 01h
RSVD
6Eh
Analog
Special
RSVD
AC97
ALL MIX
RSVD
MUTE
FIX
DISBLE
ADC
slot1
ADC
slot0
RSVD
MIC
GAIN
VALUE
SPLY
OVR
EN
SPLY
OVR
VAL
1000h
6Eh
Page 01h
RSVD
70h
VENDOR RESERVED
0000h
72h
Analog
Current
Adjust
RSVD
INT APOP
RSVD
0000h
74h
EAPD
Access
EAPD
RESERVED
EAPD_OEN
RSVD
INTDIS
GPIO
ACC
GPIO
SLT12
0800h
76h
VENDOR RESERVED
0000h
78h*
High Pass
Filter
Bypass
RSVD
ADC
HPF
BYP
0000h
78h*
Stereo Mic
Enable
RSVD
STEREO_MIC
RSVD
0000h
7Ah
RSVD
RSVD
0000h
7Ch
Vendor
ID1
1
0
0
0
0
0
1
1
1
0
0
0
0
1
0
0
8384 h
7Eh
Vendor
ID2
9766
0
1
1
1
0
1
1
0
0
1
1
0
0
1
1
0
7666h
Reg #
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com