Electronic Components Datasheet Search
  English  ▼

X  

STAC9220 Datasheet(PDF) 23 Page - Integrated Device Technology

Part # STAC9220
Description  8-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9220 Datasheet(HTML) 23 Page - Integrated Device Technology

Back Button STAC9220 Datasheet HTML 19Page - Integrated Device Technology STAC9220 Datasheet HTML 20Page - Integrated Device Technology STAC9220 Datasheet HTML 21Page - Integrated Device Technology STAC9220 Datasheet HTML 22Page - Integrated Device Technology STAC9220 Datasheet HTML 23Page - Integrated Device Technology STAC9220 Datasheet HTML 24Page - Integrated Device Technology STAC9220 Datasheet HTML 25Page - Integrated Device Technology STAC9220 Datasheet HTML 26Page - Integrated Device Technology STAC9220 Datasheet HTML 27Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 172 page
background image
STAC9220/9221/9223
8-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
23
STAC9220/9221/9223
V 0.96 102706
8-CHANNEL HIGH DEFINITION AUDIO CODEC
4. DETAILED DESCRIPTION
4.1.
Audio Jack Presence Detect
SENSE_A pin is used to detect the presence of plugs in ports A, B, C, and D. SENSE_B pin is used
to detect the presence of plugs in ports E and F. Refer to the reference design for port detect cir-
cuitry. Select the precision of the resistor used as follows.
4.2.
SPDIF Input
SPDIF IN can operate at 44.1 KHz, 48 KHz or 96 KHz, and implements internal Jack Sensing.
A sophisticated digital PLL allows automatic rate detection and accurate data recovery. The ability to
directly accept consumer SPDIF voltage levels eliminates the need for costly external receiver ICs.
Advanced features such as record-slot select and SPDIF_IN routing to the DAC allows for simulta-
neous record and play.
4.3.
SPDIF Output
SPDIF Output can operate at 44.1 KHz, 48 KHz and 96 KHz, as defined in the Intel High Definition
Audio Specification, with resolutions up to 24 bits. This insures compatibility with all consumer audio
gear and allows for convenient integration into home theater systems and media center PCs.
Table 4. Audio Jack Presence Detect
Nominal Voltage
(+-5%)
Resistor Tolerance
Sense A
(If port D is used)
Resistor Tolerance
Sense A
(If port D is not used)
Resistor Tolerance
Sense B
(For ports E and F)
5V
1%
1%
1%
4.5V
1%
1%
1%
4V
0.50%
1%
1%
3.3V
0.10%
1%
1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com