Electronic Components Datasheet Search
  English  ▼

X  

STAC9220 Datasheet(PDF) 33 Page - Integrated Device Technology

Part # STAC9220
Description  8-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9220 Datasheet(HTML) 33 Page - Integrated Device Technology

Back Button STAC9220 Datasheet HTML 29Page - Integrated Device Technology STAC9220 Datasheet HTML 30Page - Integrated Device Technology STAC9220 Datasheet HTML 31Page - Integrated Device Technology STAC9220 Datasheet HTML 32Page - Integrated Device Technology STAC9220 Datasheet HTML 33Page - Integrated Device Technology STAC9220 Datasheet HTML 34Page - Integrated Device Technology STAC9220 Datasheet HTML 35Page - Integrated Device Technology STAC9220 Datasheet HTML 36Page - Integrated Device Technology STAC9220 Datasheet HTML 37Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 172 page
background image
STAC9220/9221/9223
8-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
33
STAC9220/9221/9223
V 0.96 102706
8-CHANNEL HIGH DEFINITION AUDIO CODEC
6.3.
Widget List STAC9220/9221/9223
Note: *: Functionality for STAC9221 only.
†: Functionality for STAC9221 and STAC9223.
Table 5. High Definition Audio Widget
ID
Widget Name
Description
1h
Audio Function Group
Audio Function Group
2h
DAC0
Stereo Output to DAC
3h
DAC1
Stereo Output to DAC
4h
DAC2
Stereo Output to DAC
5h
DAC3
Stereo Output to DAC
6h
ADC0
Stereo Input Mux from ADC
7h
ADC1
Stereo Input Mux from ADC
8h
SPDIF_OUT
Stereo Output for SPDIF_Out
9h
SPDIF_IN
Stereo Input for SPDIF_In
10h
SPDIF-Out Pin
Pin Widget for SPDIF_Out pin 48
11h
SPDIF-In Pin
Pin Widget for SPDIF_In pin 47
12h
ADC0Mux
ADC Mux and Boost for inputs to ADC
13h
ADC1Mux
ADC Mux and Boost for inputs to ADC
14h
Digital PC Beep
Digital PC Beep
15h
CD
CD Pin Widget pins 18/19/20
16h
Master Volume
Master Volume Controls
17h
ADC0Vol
ADC Mux and Volume for inputs to ADC
18h
ADC1Vol
ADC Mux and Volume for inputs to ADC
19h
ADAT †
Stereo Output for ADAT † (STAC9221/9223)
Ah
Headphone
Headphone Pin Widget pins 39/41 (can also act as Line In, Line Out, or Microphone)
Dh
Headphone
Headphone Pin Widget pins 35/36 (can also act as Line In, Line Out, or Microphone)
Ch
Line In
Line In Pin Widget pins 23/24 (can also act as Microphone or Line Out)
Bh
Microphone
Microphone Pin Widget pins 21/22 (can also act as Line Out and Line In)
Fh
Line Out
Line Out Pin Widget pins 16/17 (can also act as HP, Line In, or Microphone)
Eh
Line In
Line In Pin Widget pins 14/15 (can also act as Microphone)
1ah
I2S Out *
Stereo Output for I2S Out *
1bh
I2S Out Pin *
Pin Widget for I2S Out pin 44 *



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com