Electronic Components Datasheet Search
  English  ▼

X  

STAC9220 Datasheet(PDF) 28 Page - Integrated Device Technology

Part # STAC9220
Description  8-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9220 Datasheet(HTML) 28 Page - Integrated Device Technology

Back Button STAC9220 Datasheet HTML 24Page - Integrated Device Technology STAC9220 Datasheet HTML 25Page - Integrated Device Technology STAC9220 Datasheet HTML 26Page - Integrated Device Technology STAC9220 Datasheet HTML 27Page - Integrated Device Technology STAC9220 Datasheet HTML 28Page - Integrated Device Technology STAC9220 Datasheet HTML 29Page - Integrated Device Technology STAC9220 Datasheet HTML 30Page - Integrated Device Technology STAC9220 Datasheet HTML 31Page - Integrated Device Technology STAC9220 Datasheet HTML 32Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 172 page
background image
STAC9220/9221/9223
8-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
28
STAC9220/9221/9223
V 0.96 102706
8-CHANNEL HIGH DEFINITION AUDIO CODEC
5.4.
STAC9220/9223 Split Independent Power Supply for 48-pin LQFP
Figure 4. Split Independent Power Supply STAC9220/9223
1 µF
0.1 µF
AVdd2
DVdd
Volume Up
Volume Down
9
38
PC Beep
12
SENSE_A
13
Port E_L
14
Port E_R
15
CD_L
18
CD_G
19
CD_R
20
41
AVss1
AVss2
26
42
4
7
DVss
DVss2
Port A_R
*Terminate ground
plane as close to codec
as possible
Analog
Ground
Digital
Ground
Port A_L
39
24
Port C_R
23
Port C_L
22
21
48
SPDIF_IN/EAPD
11
RESET#
10
SYNC
BIT_CLK
5
6
8
3.3V ± 5%
Port B_R
Port B_L
SPDIF_OUT
SDATA_IN
STAC9220
3.3V Analog
in 48-pin LQFP
TUNE TO LAYOUT
SDATA_OUT
LINK PINS
FILTER PINS
STANDARD
ANALOG I/O
Sense B
34
N.C.
40
N.C.
43
GPIO/LR_CLK
44
GPIO/SDATA
45
GPIO /SCLK
46
47
36
Port D_R
35
Port D_L
SPDIF I/O
GPIO PINS
UNIVERSAL
JACKS
TM
PINS
Mic Bias
27 pF
22
Ω
EMI
Filter
Port F_L
Port F_R
2
3
N.C. = No Connect
25
DVdd
1
2
Ω*
Ferrite Bead
*O PTIONAL
0.1 µF
1 µF
AVdd1
Sense Pins
16
17
30
27
AFilt1
Vref Filt
AFILT2
31
CAP2
1 µF
33
1 µF
820 pF
820 pF
Vref OutB
28
Vref OutA
37
29
Vref OutC
0.1 µF
1 µF
*OPTIO NAL
Vref OutD
32
0.1 µF
*OPTIO NAL
1 µF
0.1 µF
*OPTIONAL
1 µF
0.1 µF
*OPTIO NAL
1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com