Electronic Components Datasheet Search
  English  ▼

X  

STAC9220 Datasheet(PDF) 52 Page - Integrated Device Technology

Part # STAC9220
Description  8-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9220 Datasheet(HTML) 52 Page - Integrated Device Technology

Back Button STAC9220 Datasheet HTML 48Page - Integrated Device Technology STAC9220 Datasheet HTML 49Page - Integrated Device Technology STAC9220 Datasheet HTML 50Page - Integrated Device Technology STAC9220 Datasheet HTML 51Page - Integrated Device Technology STAC9220 Datasheet HTML 52Page - Integrated Device Technology STAC9220 Datasheet HTML 53Page - Integrated Device Technology STAC9220 Datasheet HTML 54Page - Integrated Device Technology STAC9220 Datasheet HTML 55Page - Integrated Device Technology STAC9220 Datasheet HTML 56Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 172 page
background image
STAC9220/9221/9223
8-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
52
STAC9220/9221/9223
V 0.96 102706
8-CHANNEL HIGH DEFINITION AUDIO CODEC
6.6.2.
DAC0 AmpRight
[10:8]
SmplRateDiv
RW
0x0
Sample Base Rate Divisor
000 = Divide by 1
001 = Divide by 2
010 = Divide by 3
011 = Divide by 4
100 = Divide by 5
101 = Divide by 6
110 = Divide by 7
111 = Divide by 8
[7]
Rsvd1
R
0x0
Reserved
[6:4]
BitsPerSmpl
RW
0x3
Bits per Sample
000 = 8 bits
001 = 16 bits
010 = 20 bits
011 = 24 bits
100-111 = Reserved
[3:0]
NmbrChan
RW
0x1
Number of Channels Number of channels in
each frame of the stream.
0000 = 1 channel
0001 = 2 channels
...
1111 = 16 channels
Table 54. DAC0 AmpRight Command Verb Format
Verb ID
Payload
Response
Get
B80
00
See bitfield table
Set1
390
See bits [7:0] of bitfield table
0000_0000h
Table 55. DAC0 AmpRight Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:8]
Rsvd
R
0x0
Reserved
[7]
Mute
RW
0x1
1 = Mute is active
[6:0]
Gain
RW
0x7F
Amplifier gain step number
Table 53. DAC0 Cnvtr Command Response Format
Bit
Bitfield Name
RW
Reset
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com