Electronic Components Datasheet Search
  English  ▼

X  

STAC9220 Datasheet(PDF) 68 Page - Integrated Device Technology

Part # STAC9220
Description  8-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9220 Datasheet(HTML) 68 Page - Integrated Device Technology

Back Button STAC9220 Datasheet HTML 64Page - Integrated Device Technology STAC9220 Datasheet HTML 65Page - Integrated Device Technology STAC9220 Datasheet HTML 66Page - Integrated Device Technology STAC9220 Datasheet HTML 67Page - Integrated Device Technology STAC9220 Datasheet HTML 68Page - Integrated Device Technology STAC9220 Datasheet HTML 69Page - Integrated Device Technology STAC9220 Datasheet HTML 70Page - Integrated Device Technology STAC9220 Datasheet HTML 71Page - Integrated Device Technology STAC9220 Datasheet HTML 72Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 172 page
background image
STAC9220/9221/9223
8-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
68
STAC9220/9221/9223
V 0.96 102706
8-CHANNEL HIGH DEFINITION AUDIO CODEC
6.9.3.
DAC3 AmpLeft
6.9.4.
DAC3 WCap
Table 98. DAC3 AmpLeft Command Verb Format
Verb ID
Payload
Response
Get
BA0
00
See bitfield table
Set1
3A0
See bits [7:0] of bitfield table
0000_0000h
Table 99. DAC3 AmpLeft Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:8]
Rsvd
R
0x0
Reserved
[7]
Mute
RW
0x1
1 = Mute is active
[6:0]
Gain
RW
0x7F
Amplifier gain step number
Table 100. DAC3 WCap Command Verb Format
Verb ID
Payload
Response
Get
F00
09
See bitfield table
Table 101. DAC3 WCap Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:24]
Rsvd2
R
0x0
Reserved
[23:20]
Type
R
0x0
Widget type = Audio Output
[19:16]
Delay
R
0xD
Number of sample delays through widget
[15:12]
Rsvd1
R
0x0
Reserved
[11]
SwapCap
R
0x1
Left and right channels can be swapped
[10]
PwrCntrl
R
0x1
Power State control is supported
[9]
Dig
R
0x0
Widget supports an Analog stream



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com