Electronic Components Datasheet Search
  English  ▼

X  

STAC9220 Datasheet(PDF) 36 Page - Integrated Device Technology

Part # STAC9220
Description  8-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9220 Datasheet(HTML) 36 Page - Integrated Device Technology

Back Button STAC9220 Datasheet HTML 32Page - Integrated Device Technology STAC9220 Datasheet HTML 33Page - Integrated Device Technology STAC9220 Datasheet HTML 34Page - Integrated Device Technology STAC9220 Datasheet HTML 35Page - Integrated Device Technology STAC9220 Datasheet HTML 36Page - Integrated Device Technology STAC9220 Datasheet HTML 37Page - Integrated Device Technology STAC9220 Datasheet HTML 38Page - Integrated Device Technology STAC9220 Datasheet HTML 39Page - Integrated Device Technology STAC9220 Datasheet HTML 40Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 172 page
background image
STAC9220/9221/9223
8-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
36
STAC9220/9221/9223
V 0.96 102706
8-CHANNEL HIGH DEFINITION AUDIO CODEC
6.5.
AFG Node (NID = 0x01)
6.5.1.
AFG Reset
6.5.2.
AFG NodeInfo
Table 12. AFG Reset Command Verb Format
Verb ID
Payload
Response
Get
7FF
00
See bitfield table
Set1
7FF
See bits [7:0] of bitfield table
0000_0000h
Table 13. AFG Reset Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:0]
Response
R
0x0
Reserved. Overlaps Execute.
[0]
Execute
W
0x0
Function Reset. Function Group reset is
executed when the Set verb (7FF) is written
with 8-bit payload of 00h. The CODEC should
issue a response to acknowledge receipt of the
verb, and then reset the affected Function
Group and all associated widgets to their
power-on reset values. Some controls such as
Configuration Default controls should not be
reset. Overlaps Response.
Table 14. AFG NodeInfo Command Verb Format
Verb ID
Payload
Response
Get
F00
04
See bitfield table
Table 15. AFG NodeInfo Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:24]
Rsvd2
R
0x0
Reserved
[23:16]
StartNID
R
0x2
Starting node number for function group
subordinate nodes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com