Electronic Components Datasheet Search
  English  ▼

X  

STAC9220 Datasheet(PDF) 32 Page - Integrated Device Technology

Part # STAC9220
Description  8-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9220 Datasheet(HTML) 32 Page - Integrated Device Technology

Back Button STAC9220 Datasheet HTML 28Page - Integrated Device Technology STAC9220 Datasheet HTML 29Page - Integrated Device Technology STAC9220 Datasheet HTML 30Page - Integrated Device Technology STAC9220 Datasheet HTML 31Page - Integrated Device Technology STAC9220 Datasheet HTML 32Page - Integrated Device Technology STAC9220 Datasheet HTML 33Page - Integrated Device Technology STAC9220 Datasheet HTML 34Page - Integrated Device Technology STAC9220 Datasheet HTML 35Page - Integrated Device Technology STAC9220 Datasheet HTML 36Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 172 page
background image
STAC9220/9221/9223
8-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
32
STAC9220/9221/9223
V 0.96 102706
8-CHANNEL HIGH DEFINITION AUDIO CODEC
6.2.
STAC9221Widget Diagrams
Figure 8. Widget Diagram STAC9221
DAC 0
Azalia
Link
STAC9221 Widget Diagram
DAC 1
DAC 2
DAC 3
ADC 0
ADC 1
SPDIF OUT
ADAT
SPDIF IN
2h
3h
4h
5h
6h
7h
8h
19h
9h
Analog Pin
HP
Analog Pin
HP
Analog Pin
Strong LO
Analog Pin
Analog Pin
Analog Pin
Analog Pin
Ah
Dh
Ch
Bh
Fh
Eh
15h
A
D
C
B
F
E
CD
PC Beep
14h
To all
DAC
Analog
Streams
MUX
+40dB
MUX
+40dB
12h
13h
Digital Pin
Digital Pin
10h
11h
SPDIF/ADAT
OUT
SPDIF IN
I2S OUT
Digital Pin
I2S OUT
1ah
1bh
17h
18h
Volume Knob
16h
Rev 0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com