Electronic Components Datasheet Search
  English  ▼

X  

STAC9220 Datasheet(PDF) 97 Page - Integrated Device Technology

Part # STAC9220
Description  8-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9220 Datasheet(HTML) 97 Page - Integrated Device Technology

Back Button STAC9220 Datasheet HTML 93Page - Integrated Device Technology STAC9220 Datasheet HTML 94Page - Integrated Device Technology STAC9220 Datasheet HTML 95Page - Integrated Device Technology STAC9220 Datasheet HTML 96Page - Integrated Device Technology STAC9220 Datasheet HTML 97Page - Integrated Device Technology STAC9220 Datasheet HTML 98Page - Integrated Device Technology STAC9220 Datasheet HTML 99Page - Integrated Device Technology STAC9220 Datasheet HTML 100Page - Integrated Device Technology STAC9220 Datasheet HTML 101Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 172 page
background image
STAC9220/9221/9223
8-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
97
STAC9220/9221/9223
V 0.96 102706
8-CHANNEL HIGH DEFINITION AUDIO CODEC
6.14.6.
PortA UnsolResp
6.14.7.
PortA ChSense
Table 174. PortA UnsolResp Command Verb Format
Verb ID
Payload
Response
Get
F08
00
See bitfield table
Set1
708
See bits [7:0] of bitfield table
0000_0000h
Table 175. PortA UnsolResp Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:8]
Rsvd2
R
0x00
Reserved
[7]
En
RW
0x0
Allow generation of Unsolicited Responses.
Unsolicited response events occur upon jack-
insertion OR completion of a Jack-Sense cycle.
[6]
Rsvd1
R
0x0
Reserved
[5:0]
Tag
RW
0x00
Software programmable field returned in top six
bits (31:26) of every Unsolicited Response
generated by this node.
Table 176. PortA ChSense Command Verb Format
Verb ID
Payload
Response
Get
F09
00
See bitfield table
Set1
709
See bits [7:0] of bitfield table
0000_0000h
Set2
709
See bits [15:8] of bitfield table
0000_0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com