| Electronic Components Datasheet Search |
|
STAC9220 Datasheet(PDF) 41 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
STAC9220 Datasheet(HTML) 41 Page - Integrated Device Technology |
|
41 / 172 page ![]() STAC9220/9221/9223 8-CHANNEL HIGH DEFINITION AUDIO CODEC PC AUDIO IDT™ 41 STAC9220/9221/9223 V 0.96 102706 8-CHANNEL HIGH DEFINITION AUDIO CODEC 6.5.9. AFG GPIOCnt [2] D2Sup R 0x1 Power State D2 is supported. Allows for lowest possible power consuming state from which it can return to fully on state within 10 msec. [1] D1Sup R 0x1 Power State D1 is supported. Allows for lowest possible power consuming state from which it can return to fully on state within 10 msec, excepting analog pass-through circuits which must remain fully on. [0] D0Sup R 0x1 Power State D0 is supported. Node power state is fully on. Table 28. AFG GPIOCnt Command Verb Format Verb ID Payload Response Get F00 11 See bitfield table Table 29. AFG GPIOCnt Command Response Format Bit Bitfield Name RW Reset Description [31] GPIWake R 0x1 Wake capability. Assuming the Wake Enable Mask controls are enabled, GPIO's configured as inputs can cause a wake (generate a Status Change event on the link) when there is a change in level on the pin. [30] GPIUnsol R 0x1 Unsolicited Response capability. Assuming the Unsolicited Enable Mask controls are enabled, GPIO's configured as inputs can generate an Unsolicited Response on the link when there is a change in level on the pin. [29:24] Rsvd R 0x0 Reserved [23:16] NumGPIs R 0x00 Number of GPI pins supported by function [15:8] NumGPOs R 0x00 Number of GPO pins supported by function [7:0] NumGPIOs R 0x04 Number of GPIO pins supported by function Table 27. AFG SupPwrState Command Response Format Bit Bitfield Name RW Reset Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |