Electronic Components Datasheet Search
  English  ▼

X  

STAC9220 Datasheet(PDF) 95 Page - Integrated Device Technology

Part # STAC9220
Description  8-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9220 Datasheet(HTML) 95 Page - Integrated Device Technology

Back Button STAC9220 Datasheet HTML 91Page - Integrated Device Technology STAC9220 Datasheet HTML 92Page - Integrated Device Technology STAC9220 Datasheet HTML 93Page - Integrated Device Technology STAC9220 Datasheet HTML 94Page - Integrated Device Technology STAC9220 Datasheet HTML 95Page - Integrated Device Technology STAC9220 Datasheet HTML 96Page - Integrated Device Technology STAC9220 Datasheet HTML 97Page - Integrated Device Technology STAC9220 Datasheet HTML 98Page - Integrated Device Technology STAC9220 Datasheet HTML 99Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 172 page
background image
STAC9220/9221/9223
8-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
95
STAC9220/9221/9223
V 0.96 102706
8-CHANNEL HIGH DEFINITION AUDIO CODEC
6.14.3.
PortA ConLst
6.14.4.
PortA ConLstEntry
[4]
OutCap
R
0x1
Pin complex is output capable.
[3]
HdphDrvCap
R
0x1
Pin complex has headphone amplifier.
[2]
PresDtctCap
R
0x1
Pin complex can perform Presence Detect.
[1]
TrigRqd
R
0x1
Trigger is required for impedance
measurement.
[0]
ImpSenseCap
R
0x1
Pin complex supports impedance sense.
Table 168. PortA ConLst Command Verb Format
Verb ID
Payload
Response
Get
F00
0E
See bitfield table
Table 169. PortA ConLst Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:8]
Rsvd
R
0x0
Reserved
[7]
LForm
R
0x0
Connection list uses short-form (7-bit) NID
entries.
[6:0]
ConL
R
0x01
Number of NID entries in connection list.
Table 170. PortA ConLstEntry Command Verb Format
Verb ID
Payload
Response
Get
F02
00
See bitfield table
Table 167. PortA PinCap Command Response Format
Bit
Bitfield Name
RW
Reset
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com