Electronic Components Datasheet Search
  English  ▼

X  

STAC9220 Datasheet(PDF) 29 Page - Integrated Device Technology

Part # STAC9220
Description  8-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9220 Datasheet(HTML) 29 Page - Integrated Device Technology

Back Button STAC9220 Datasheet HTML 25Page - Integrated Device Technology STAC9220 Datasheet HTML 26Page - Integrated Device Technology STAC9220 Datasheet HTML 27Page - Integrated Device Technology STAC9220 Datasheet HTML 28Page - Integrated Device Technology STAC9220 Datasheet HTML 29Page - Integrated Device Technology STAC9220 Datasheet HTML 30Page - Integrated Device Technology STAC9220 Datasheet HTML 31Page - Integrated Device Technology STAC9220 Datasheet HTML 32Page - Integrated Device Technology STAC9220 Datasheet HTML 33Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 172 page
background image
STAC9220/9221/9223
8-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
29
STAC9220/9221/9223
V 0.96 102706
8-CHANNEL HIGH DEFINITION AUDIO CODEC
5.5.
STAC9221 Typical Connection Diagram for 48-pin LQFP
Figure 5. Typical Connection Diagram STAC9221
0.1 µF
1 µF
10.1 µF
AVdd2
DVdd
9
38
PC Beep
12
SENSE_A
13
Port E _L
14
Port E _R
15
CD_L
18
19
CD_R
20
41
30
AVss1
AVss2
26
42
4
7
D Vss2
Port A_R
*Term inate ground
plane as close to codec
as possible
Analog
Ground
Digital
G round
24
Port C _R
23
Port C _L
22
21
48
27
Vref OutB
SPDIF _IN /EAPD
28
11
RESET#
10
SYN C
BIT _C LK
5
6
8
3.3V± 5%
5V ± 5%
AF ilt1
Port B_R
Port B _L
SPD IF_OU T/ADAT
Vref Filt
SD ATA_IN
STA C9221
(5V Analog)
in 48-pin LQ FP
TU NE TO LAYOU T
SD ATA _O U T
LINK PINS
FILTER PINS
STANDARD
ANALOG I/O
AFILT2
31
CAP2
Sense B
34
N.C.
40
N.C.
43
G PIO /LR _CLK /I2S Out
44
GPIO /SD ATA
45
GPIO/SC LK
46
47
36
Port D _R
35
Port D _L
SPDIF I/O
GPIO PINS
UNIVERSAL
JACKS
TM
PINS
Mic Bias
27 pF
22
Ω
EM I
Filter
Port F_L
16
Port F _R
17
2
N .C. = No Connect
AVdd1
25
DVdd
1
3
Volum e U p
Volume Down
CD_G
DVss
Vref O utA
37
29
Vref OutC
1 µF
0.1 µ F
1 µF
*OP TIO NA L
Vref O utD
32
33
Sense Pins
1 µF
820 pF
820 pF
0.1 µF
*O PT IO NAL
Port A _L
39
1 µF
0.1 µF
*O P TIO NAL
1 µF
0.1 µF
*O P TIO NAL
1 µ F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com