Electronic Components Datasheet Search
  English  ▼

X  

STAC9220 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # STAC9220
Description  8-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9220 Datasheet(HTML) 1 Page - Integrated Device Technology

  STAC9220 Datasheet HTML 1Page - Integrated Device Technology STAC9220 Datasheet HTML 2Page - Integrated Device Technology STAC9220 Datasheet HTML 3Page - Integrated Device Technology STAC9220 Datasheet HTML 4Page - Integrated Device Technology STAC9220 Datasheet HTML 5Page - Integrated Device Technology STAC9220 Datasheet HTML 6Page - Integrated Device Technology STAC9220 Datasheet HTML 7Page - Integrated Device Technology STAC9220 Datasheet HTML 8Page - Integrated Device Technology STAC9220 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 172 page
background image
DATA SHEET
8-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9220/9221/9223
IDT™
1
STAC9220/9221/9223
V 0.96 102706
8-CHANNEL HIGH DEFINITION AUDIO CODEC
DESCRIPTION
The STAC9220/9221/9223 are high fidelity, 8-channel audio
CODECs compatible with Intel’s High Definition (HD) Audio
Interface. The STAC9220/9221/9223 CODECs provide stereo
24-bit resolution with sample rates up to 192 KHz. SPDIF
I/O provides connectivity to consumer electronic equipment. The
STAC9221 CODEC incorporates IDT's proprietary
Σ∆ technology
to achieve an estimated DAC SNR in excess of 105dB. The
STAC9220/9223 CODECs incorporate IDT's proprietary
Σ∆
technology to achieve an estimated DAC SNR in excess of 95dB.
The STAC9223 has all of the features of the STAC9220 plus
ADAT
® Optical “Lightpipe.” The STAC9220/9221/9223
CODECs provide high quality, HD Audio capability to notebook
and media centric desktop PC applications.
FEATURES
•
High performance
Σ∆ technology
•
105dB DAC SNR (STAC9221)
•
95dB DAC SNR (STAC9220/9223)
•
Intel HD Audio interface
•
Eight Channel (4 DAC pairs and 2 stereo ADCs)
with 24-bit resolution
•
Supports 7.1 Audio
•
Supports 5.1 Audio with Auxiliary channel for separate
audio stream or Real Time Communication (RTC)
channel
•
Sample Rates Up to 192 KHz
•
Integrated Headphone Amps
•
Stereo Microphone
•
Supports Stereo Microphone
•
Microphone Boost 0, 10, 20, 30, 40dB
•
Direct CDROM Recording Mixerless Design
•
SPDIF In and Out
•
Two-Pin Volume Up/Down Control
•
Impedance Sensing
•
Universal Jacks™ Functionality for Jack Retasking
•
Headphone, Line Out, Line In & Microphone
• Pins 35/36
• Pins 39/41
•
Line Out, Line In and Microphone Support
• Pins 16/17 (with strong line out)
• Pins 23/24
• Pins 21/22
•
Line In/MIC Support
• Pins 14/15
•
Four Adjustable VREF Out pins for Microphone
Bias
•
I2S Out (STAC9221)
•
ADAT® Optical “Lightpipe” Output Support
(STAC9221/9223)
•
Digital PC Beep to all outputs
•
+3.3 V and +5 V analog power supply options
•
48-pin LQFP package (7mm x 7mm)
THIRD PARTY SOFTWARE SUPPORT
•
WOW™ and Tru Surround™ from SRS
•
Intellisonic Microphone Beam Forming from
Knowles™
•
Maxx BASS™ from Waves
•
Dolby PC Audio Logo Program
•
Program Levels
• Dolby Sound Room™ (STAC9220/9223D)
• Dolby Home Theater™ (STAC9220/9223D)
• Dolby Master Studio™ (STAC9221D)
•
Dolby Technologies
• Dolby Headphone™
• Dolby ProLogic II™
• Dolby Virtual Speaker™
•
Smart Stream™ from Sonic Focus


Similar Part No. - STAC9220

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
STAC9227 IDT-STAC9227 Datasheet
1Mb / 237P
8-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9227D3TAEYYX IDT-STAC9227D3TAEYYX Datasheet
1Mb / 237P
8-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9227D5TAEYYX IDT-STAC9227D5TAEYYX Datasheet
1Mb / 237P
8-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9227X3TAEYYX IDT-STAC9227X3TAEYYX Datasheet
1Mb / 237P
8-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9227X5TAEYYX IDT-STAC9227X5TAEYYX Datasheet
1Mb / 237P
8-CHANNEL HIGH DEFINITION AUDIO CODEC
More results

Similar Description - STAC9220

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
STAC9227 IDT-STAC9227 Datasheet
1Mb / 237P
8-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9271 IDT-STAC9271 Datasheet
1Mb / 223P
10-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD202 IDT-92HD202 Datasheet
1Mb / 168P
8-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD206 IDT-92HD206 Datasheet
1Mb / 176P
8-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD700 IDT-92HD700 Datasheet
1Mb / 181P
10-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Realtek Semiconductor C...
ALC662 REALTEK-ALC662_09 Datasheet
1Mb / 82P
5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC662-GR REALTEK-ALC662-GR Datasheet
1Mb / 81P
5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC663 REALTEK-ALC663 Datasheet
1Mb / 82P
5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC861-GR REALTEK-ALC861-GR Datasheet
1Mb / 67P
7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC861-VD-GR REALTEK-ALC861-VD-GR Datasheet
1Mb / 80P
7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com