Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 23 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 23 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 19Page - PMC-Sierra, Inc PM5366 Datasheet HTML 20Page - PMC-Sierra, Inc PM5366 Datasheet HTML 21Page - PMC-Sierra, Inc PM5366 Datasheet HTML 22Page - PMC-Sierra, Inc PM5366 Datasheet HTML 23Page - PMC-Sierra, Inc PM5366 Datasheet HTML 24Page - PMC-Sierra, Inc PM5366 Datasheet HTML 25Page - PMC-Sierra, Inc PM5366 Datasheet HTML 26Page - PMC-Sierra, Inc PM5366 Datasheet HTML 27Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
11
• Allows per tributary alarm indication signal (AIS) to be activated or cleared for
either direction under microprocessor control.
• Allows automatic tributary AIS to be activated upon DS2 out of frame.
Each one of three E3 Framer Sections:
• Frames to G.751 and G.832 E3 unchannelized data streams.
• For G.832, terminates the Trail Trace and either the Network Requirement or the
General Purpose data link.
Each one of three E3 Transmit Sections:
• Provides frame insertion for the G.751 or G.832 E3 applications, alarm insertion,
and diagnostic features.
• For G.832, the Trail Trace is inserted, and an integral HDLC transmitter is
provided to insert either the Network Requirement or the General Purpose data
link.
Scaleable Bandwidth Interconnect (SBI) Bus:
• Provides a high density byte serial interconnect for all framed and unframed
TEMAP-84 links. Utilizes an Add/Drop configuration to asynchronously mutliplex
up to 84 T1s, 63 E1s, 3 E3s or 3 DS3s, with multiple payload or link layer
processors.
• Operates at either 19.44 MHz or 77.76 MHz.
• External devices can access unframed DS3, framed unchannelized DS3,
unframed E3, framed unchannelized E3, unframed (clear channel) T1s, framed
T1s (byte synchronous mapping only), unframed (clear channel) E1s, framed
E1s (byte synchronous mapping only), arbitrary rate clear channel data stream
(eg. fractional DS3), transparent virtual tributaries or transparent tributary units
over this interface.
• Up to three arbitrary rate data streams inserted into and extracted from the SBI
via bit serial ports.
• Transparent VT/TU access can be selected only when tributaries are mapped
into SONET/SDH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com