Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 48 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 48 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 44Page - PMC-Sierra, Inc PM5366 Datasheet HTML 45Page - PMC-Sierra, Inc PM5366 Datasheet HTML 46Page - PMC-Sierra, Inc PM5366 Datasheet HTML 47Page - PMC-Sierra, Inc PM5366 Datasheet HTML 48Page - PMC-Sierra, Inc PM5366 Datasheet HTML 49Page - PMC-Sierra, Inc PM5366 Datasheet HTML 50Page - PMC-Sierra, Inc PM5366 Datasheet HTML 51Page - PMC-Sierra, Inc PM5366 Datasheet HTML 52Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
36
Pin Name
Type
Pin
No.
Function
EFBWDAT[3]
EFBWDAT[2]
EFBWDAT[1]
Output F21
B22
A19
The Egress Flexible Bandwidth Data
(EFBWDAT[3:1]). These outputs present bit serial
data extracted from the System Add Bus
(SADATA[7:0]). Only bits for which the associated
EFBWEN output is simultaneously high are valid.
Each data input is associated with one SPE and is only
used when the associated SPE is configured to carry a
fractional payload by the OPMODE_SPEx[2:0] bits of
the SPE Configuration registers.
EFBWDAT[3:1] are updated on the falling edge of the
associated EFBWCLK input.
EFBWEN[3]
EFBWEN[2]
EFBWEN[1]
Output E22
D20
B18
The Egress Flexible Bandwidth Enables
(EFBWEN[3:1]). A logic high on any of these outputs
indicates a valid bit on the associated EFBWDAT
output. The EFBWEN[3:1] will only be asserted, with a
one cycle latency, in response to a sampled logic high
on the associated EFBWDREQ, and then only if data
is available for presenting on the associated
EFBWDAT.
EFBWEN[3:1] are updated on the falling edge of the
associated EFBWCLK input.
Recovered T1 and E1 Clocks
RECVCLK1
Output F2
Recovered Clock 1 (RECVCLK1). This clock output is
a recovered and de-jittered clock from any one of the
84 1.544 Mbit/s or 63 2.048Mbit/s tributaries.
RECVCLK2
Output E4
Recovered Clock 2 (RECVCLK2). This clock output is
a recovered and de-jittered clock from any one of the
84 1.544 Mbit/s or 63 2.048Mbit/s tributaries.
RECVCLK3
Output G3
Recovered Clock 3 (RECVCLK3). This clock output is
a recovered and de-jittered clock from any one of the
84 1.544 Mbit/s or 63 2.048Mbit/s tributaries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com