Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 64 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 64 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 60Page - PMC-Sierra, Inc PM5366 Datasheet HTML 61Page - PMC-Sierra, Inc PM5366 Datasheet HTML 62Page - PMC-Sierra, Inc PM5366 Datasheet HTML 63Page - PMC-Sierra, Inc PM5366 Datasheet HTML 64Page - PMC-Sierra, Inc PM5366 Datasheet HTML 65Page - PMC-Sierra, Inc PM5366 Datasheet HTML 66Page - PMC-Sierra, Inc PM5366 Datasheet HTML 67Page - PMC-Sierra, Inc PM5366 Datasheet HTML 68Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
52
Pin Name
Type
Pin
No.
Function
SDV5
Output
Tristate
C8
System Drop Bus Payload Indicator (SDV5). The
payload indicator locates the position of the floating
payloads for each tributary within the SBI bus
structure. Timing differences between the tributary
timing and the synchronous SBI bus are indicated by
adjustments of this payload indicator relative to the
fixed SBI bus structure.
All timing adjustments indicated by this signal are
accompanied by appropriate adjustments in the SDPL
signal.
The TEMAP-84 only drives the payload Indicator signal
during the tributary timeslots assigned to this device.
SDV5 is updated on the rising edge of SREFCLK.
SBIACT
Output A3
SBI Output Active (SBIACT). The SBI Output Active
indicator is high whenever the TEMAP-84 is driving the
SBI drop bus signals. This signal is used by other
TEMAP-84s or other SBI devices to detect SBI
configuration problems by detecting other devices
driving the SBI bus during the same tributary as the
device listening to this signal.
This output is updated on the rising edge or SREFCLK.
SBIDET[0]
SBIDET[1]
Input
A15
B15
SBI Bus Activity Detection (SBIDET[1:0]). The SBI
bus activity detect input detects tributary collisions
between devices sharing the same SBI bus. Each SBI
device driving the bus also drives an SBI active signal
(SBIACT). This pair of activity detection inputs
monitors the active signals from two other SBI devices.
When unused this signal should be connected to
ground.
These inputs only have effect when the SBI bus is
configured for 19.44MHz (i.e. S77 is low).
A collision is detected when either of SBIDET[1:0]
signals are active concurrently with this device driving
SBIACT. When collisions occur the SBI drivers are
disabled and an interrupt is generated to signal the
collision.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com