Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 66 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 66 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 62Page - PMC-Sierra, Inc PM5366 Datasheet HTML 63Page - PMC-Sierra, Inc PM5366 Datasheet HTML 64Page - PMC-Sierra, Inc PM5366 Datasheet HTML 65Page - PMC-Sierra, Inc PM5366 Datasheet HTML 66Page - PMC-Sierra, Inc PM5366 Datasheet HTML 67Page - PMC-Sierra, Inc PM5366 Datasheet HTML 68Page - PMC-Sierra, Inc PM5366 Datasheet HTML 69Page - PMC-Sierra, Inc PM5366 Datasheet HTML 70Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
54
Pin Name
Type
Pin
No.
Function
A[0]
A[1]
A[2]
A[3]
A[4]
A[5]
A[6]
A[7]
A[8]
A[9]
A[10]
A[11]
A[12]
Input
AB22
AA21
Y19
AA20
AA19
AB20
AA18
W19
AB18
AA17
W18
Y16
AA16
Address Bus (A[12:0]). This bus selects specific
registers during TEMAP-84 register accesses.
Signal A[12] selects between normal mode and test
mode register access. A[12] has an integral pull down
resistor. Tie A[12] directly to ground unless access to
bit HIZIO in test register 0x1000 is required.
RSTB
Input
W20 Active Low Reset (RSTB). This signal provides an
asynchronous TEMAP-84 reset. RSTB is a Schmitt
triggered input with an integral pull up resistor.
ALE
Input
AA22 Address Latch Enable (ALE). This signal is active
high and latches the address bus A[12:0] when low.
When ALE is high, the internal address latches are
transparent. It allows the TEMAP-84 to interface to a
multiplexed address/data bus. The ALE input has an
integral pull up resistor.
JTAG Interface
TCK
Input
B1
Test Clock (TCK). This signal provides timing for test
operations that can be carried out using the IEEE
P1149.1 test access port.
TMS
Input
D2
Test Mode Select (TMS). This signal controls the test
operations that can be carried out using the IEEE
P1149.1 test access port. TMS is sampled on the
rising edge of TCK. TMS has an integral pull up
resistor.
TDI
Input
E3
Test Data Input (TDI). This signal carries test data into
the TEMAP-84 via the IEEE P1149.1 test access port.
TDI is sampled on the rising edge of TCK. TDI has an
integral pull up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com