Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 94 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 94 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 90Page - PMC-Sierra, Inc PM5366 Datasheet HTML 91Page - PMC-Sierra, Inc PM5366 Datasheet HTML 92Page - PMC-Sierra, Inc PM5366 Datasheet HTML 93Page - PMC-Sierra, Inc PM5366 Datasheet HTML 94Page - PMC-Sierra, Inc PM5366 Datasheet HTML 95Page - PMC-Sierra, Inc PM5366 Datasheet HTML 96Page - PMC-Sierra, Inc PM5366 Datasheet HTML 97Page - PMC-Sierra, Inc PM5366 Datasheet HTML 98Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
82
containing code values different from the detected code are received in a moving
window of ten code periods.
Valid BOC are indicated through the RBOC Interrupt Status register. The BOC
bits are set to all ones (111111) if no valid code has been detected. An interrupt
is generated to signal when a detected code has been validated, or optionally,
when a valid code goes away (i.e. the BOC bits go to all ones).
9.11 DS3/E3 HDLC Receiver (RDLC)
The RDLC is a microprocessor peripheral used to receive HDLC frames on the
DS3 C-bit parity Path Maintenance Data Link, E3 G.832 Network Operator byte,
E3 G.832 General Purpose Communications Channel or E3 G.751 National Use
bit.
The RDLC detects the change from flag characters to the first byte of data,
removes stuffed zeros on the incoming data stream, receives packet data, and
calculates the CRC-CCITT frame check sequence (FCS).
In the address matching mode, only those packets whose first data byte matches
one of two programmable bytes or the universal address (all ones) are stored in
the FIFO. The two least significant bits of the address comparison can be
masked for LAPD SAPI matching.
Received data is placed into a 128-byte FIFO buffer. An interrupt is generated
when a programmable number of bytes are stored in the FIFO buffer. Other
sources of interrupt are detection of the terminating flag sequence, abort
sequence, or FIFO buffer overrun.
The Status Register contains bits which indicate the overrun or empty FIFO
status, the interrupt status, and the occurrence of first flag or end of message
bytes written into the FIFO. The Status Register also indicates the abort, flag,
and end of message status of the data just read from the FIFO. On end of
message, the Status Register indicates the FCS status and if the packet
contained a non-integer number of bytes.
9.12 DS3/E3 Performance Monitor Accumulator (DS3/E3-PMON)
The Performance Monitor (PMON) Block interfaces directly with the DS3 Framer
(DS3-FRMR) and E3 Framer. Saturating counters are used to accumulate:
• line code violation (LCV) events
• parity error (PERR) events



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com