Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 14 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 14 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 10Page - PMC-Sierra, Inc PM5366 Datasheet HTML 11Page - PMC-Sierra, Inc PM5366 Datasheet HTML 12Page - PMC-Sierra, Inc PM5366 Datasheet HTML 13Page - PMC-Sierra, Inc PM5366 Datasheet HTML 14Page - PMC-Sierra, Inc PM5366 Datasheet HTML 15Page - PMC-Sierra, Inc PM5366 Datasheet HTML 16Page - PMC-Sierra, Inc PM5366 Datasheet HTML 17Page - PMC-Sierra, Inc PM5366 Datasheet HTML 18Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
2
• Up to 63 DS3 multiplexed 2.048 Mbit/s streams are mapped as bit asynchronous
VT2 virtual tributaries or TU-12 tributary units, providing a transmultiplexing
function between DS3 and SONET/SDH.
• Two unchannelized DS3 modes of operation:
• Standalone unchannelized DS3 framer mode for access to the entire DS3
payload.
• Up to three DS3 streams are mapped bit asynchronously into VC-3s.
• Standalone unchannelized E3 framer mode (ITU-T Rec. G.751 or G.832) for
access to the entire E3 payload.
• Up to 84 VT1.5/TU11 or 63 VT2/TU12 tributaries can be passed between the line
SONET/SDH bus and the SBI bus as transparent virtual tributaries with pointer
processing.
• Supports a byte serial Scaleable Bandwidth Interconnect (SBI) bus interface for
high density system side device interconnection of up to 84 T1 streams, 63 E1
streams, 3 DS3 streams or 3 E3 streams. This interface also supports
transparent virtual tributaries when used with the SONET/SDH mapper.
• Supports insertion and extraction of arbitrary rate (eg. fractional DS3) data
streams to and from the SBI bus interface.
• Provides jitter attenuation in the T1 or E1 receive and transmit directions.
• Provides three independent de-jittered 1.544 MHz or 2.048 MHz recovered
clocks for system timing and redundancy.
• Provides per link diagnostic and line loopbacks.
• Provides an on-board programmable binary sequence generator and detector for
error testing at DS3 and E3 rates. Includes support for patterns recommended in
ITU-T O.151.
• Also provides PRBS generators and detectors on each tributary for error testing
at 1.544 Mbit/s and 2.048 Mbit/s rates as recommended in ITU-T O.151 and
O.152.
• Supports the M23 and C-bit parity DS3 formats.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com