Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 32 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 32 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 28Page - PMC-Sierra, Inc PM5366 Datasheet HTML 29Page - PMC-Sierra, Inc PM5366 Datasheet HTML 30Page - PMC-Sierra, Inc PM5366 Datasheet HTML 31Page - PMC-Sierra, Inc PM5366 Datasheet HTML 32Page - PMC-Sierra, Inc PM5366 Datasheet HTML 33Page - PMC-Sierra, Inc PM5366 Datasheet HTML 34Page - PMC-Sierra, Inc PM5366 Datasheet HTML 35Page - PMC-Sierra, Inc PM5366 Datasheet HTML 36Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
20
devised to use a portion of the DS3 payload. Given that these protocols are
subject to change, they are best supported by external programmable logic.
Figure 3 illustrates one implementation. Other implementations and applications
are possible.
In the ingress direction, the framed DS3 is presented to an FPGA, whose
responsibility it is to identify the utilitized bits of the payload. Valid bits are
indicated to the Ingress Flexible Bandwidth Port via an enable signal, IFBWEN.
The bits are collected into bytes by the TEMAP-84 and inserted into the payload
of the SBI Drop bus.
In the egress direction, an FPGA formats the payload of a DS3, while the
TEMAP-84 inserts the DS3 frame overhead. The FPGA contains a data buffer.
Based on the DS3 frame alignment dictated by the TMFPO signal, the FPGA
inserts bits from the data buffer into the DS3 payload according to the protocol
supported. To ensure the data buffer is replenished, the FPGA asserts the
EFBWDREQ signal to initiate the transfer of a bit. The Egress Flexible
Bandwidth Port responds by asserting EFWBEN coincident with EFWBDAT
presenting valid data. The SBI Add bus participates by modulating its
SAJUST_REQ output to match the SBI data rate to that required to keep internal
FIFOs centered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com