Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 15 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 15 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 11Page - PMC-Sierra, Inc PM5366 Datasheet HTML 12Page - PMC-Sierra, Inc PM5366 Datasheet HTML 13Page - PMC-Sierra, Inc PM5366 Datasheet HTML 14Page - PMC-Sierra, Inc PM5366 Datasheet HTML 15Page - PMC-Sierra, Inc PM5366 Datasheet HTML 16Page - PMC-Sierra, Inc PM5366 Datasheet HTML 17Page - PMC-Sierra, Inc PM5366 Datasheet HTML 18Page - PMC-Sierra, Inc PM5366 Datasheet HTML 19Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
3
• When configured to operate as a DS3 or E3 Framer, gapped transmit and
receive clocks can be optionally generated for interface to link layer devices
which only need access to payload data bits.
• DS3 or E3 Transmit clock source can be selected from either an external
oscillator or from the receive side clock (loop-timed).
• Provides a SONET/SDH Add/Drop bus interface with integrated VT1.5, TU-11,
VT2 and TU-12 mapper for T1and E1 streams. Also provides a DS3 mapper.
• System side interface is an SBI bus.
• Provides a generic 8-bit microprocessor bus interface for configuration, control
and status monitoring.
• Provides a standard 5 signal P1149.1 JTAG test port for boundary scan board
test purposes.
• Low power 1.8V/3.3V CMOS technology. All pins are 5V tolerant.
• 324-pin fine pitch PBGA package (23mm x 23mm). Supports industrial
temperature range (-40
oC to 85oC) operation.
Each one of 84 T1 performance monitor sections:
• Provides non-intrusive performance monitoring of either ingress or egress paths,
as selected on a per-tributary basis.
• Frames to DS-1 signals in SF, SLC96 and ESF formats.
• Frames to TTC JT-G.704 multiframe formatted J1 signals. Supports the
alternate CRC-6 calculation for Japanese applications.
• Provides Red, Yellow, and AIS alarm integration.
• Supports RAI-CI and AIS-CI alarm detection and generation.
• Non-intrusive performance monitoring provided by the TEMAP-84 also
provides an HDLC interface with 128 bytes of buffering for terminating the
facility data link in either the ingress or egress paths, as selected on a per-
tributary basis.
• Provides Inband Loopback Code detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com