Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 53 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 53 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 49Page - PMC-Sierra, Inc PM5366 Datasheet HTML 50Page - PMC-Sierra, Inc PM5366 Datasheet HTML 51Page - PMC-Sierra, Inc PM5366 Datasheet HTML 52Page - PMC-Sierra, Inc PM5366 Datasheet HTML 53Page - PMC-Sierra, Inc PM5366 Datasheet HTML 54Page - PMC-Sierra, Inc PM5366 Datasheet HTML 55Page - PMC-Sierra, Inc PM5366 Datasheet HTML 56Page - PMC-Sierra, Inc PM5366 Datasheet HTML 57Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
41
Pin Name
Type
Pin
No.
Function
LAPL
Output
Tristate
AA14 Line Add Bus Payload Active (LAPL). The Add Bus
payload active signal identifies the payload bytes on
LADATA[7:0]. LAPL is set high during path overhead
and payload bytes and low during transport overhead
bytes.
By default, LAPL is only asserted during the
SONET/SDH tributaries assigned to this device as
determined by the LAOE bit in the TTMP Tributary
Control registers. As options, LAPL can be driven
during transport overhead, for all bytes of an STM-1
when configured for 77.76MHz operation or all the
time.
LAPL is updated on the rising edge of LREFCLK.
LAV5
Output
Tristate
W15 Line Add Bus V5 Byte (LAV5). The outgoing tributary
V5 byte signal marks the various tributary V5 bytes.
LAV5 marks each tributary V5 byte on the LADATA[7:0]
bus when high.
By default, LAV5 is only asserted during the
SONET/SDH tributaries assigned to this device as
determined by the LAOE bit in the TTMP Tributary
Control registers. As options, LAV5 can be driven
during transport overhead, for all bytes of an STM-1
when configured for 77.76MHz operation or all the
time.
LAV5 is updated on the rising edge of LREFCLK.
LDDATA[0]
LDDATA[1]
LDDATA[2]
LDDATA[3]
LDDATA[4]
LDDATA[5]
LDDATA[6]
LDDATA[7]
Input
W5
AA6
AB5
Y3
Y6
AA5
AB4
AB3
Line Drop Bus Data (LDDATA[7:0]). The drop bus
data contains the SONET/SDH receive payload data in
byte serial format. LDDATA[7] is the most significant
bit, corresponding to bit 1 of each serial word, the bit
transmitted first.
LDDATA[7:0] is sampled on the rising edge of
LREFCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com