Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 78 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 78 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 74Page - PMC-Sierra, Inc PM5366 Datasheet HTML 75Page - PMC-Sierra, Inc PM5366 Datasheet HTML 76Page - PMC-Sierra, Inc PM5366 Datasheet HTML 77Page - PMC-Sierra, Inc PM5366 Datasheet HTML 78Page - PMC-Sierra, Inc PM5366 Datasheet HTML 79Page - PMC-Sierra, Inc PM5366 Datasheet HTML 80Page - PMC-Sierra, Inc PM5366 Datasheet HTML 81Page - PMC-Sierra, Inc PM5366 Datasheet HTML 82Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
66
T1.403 and in TR-TSY-000194. The 64
th code (111111) is similar to the HDLC
flag sequence and is used to indicate no valid code received.
Bit oriented codes are received on the Facility Data Link channel as a 16-bit
sequence consisting of 8 ones, a zero, 6 code bits, and a trailing zero
(111111110xxxxxx0). The receiver declares a received code valid if it has been
observed for two consecutive times The code is declared removed if two code
sequences containing code values different from the detected code are received
two consecutive times.
Valid BOC are indicated through the BOCI status bit The BOC bits are set to all
ones (111111) if no valid code has been detected. An interrupt is generated to
signal when a detected code has been validated, or optionally, when a valid code
goes away (i.e. the BOC bits go to all ones).
9.3.3 T1 Alarm Integration
The presence of Yellow, Red, and AIS Carrier Fail Alarms (CFA) in SF, SLC
96
or ESF formats is detected and integrated in accordance with the specifications
defined in ANSI T1.403 and TR-TSY-000191.
The presence of Yellow alarm is declared when the Yellow pattern has been
received for 425 ms (± 50 ms); the Yellow alarm is removed when the Yellow
pattern has been absent for 425 ms (± 50 ms). The presence of Red alarm is
declared when an out-of-frame condition has been present for 2.55 sec (± 40
ms); the Red alarm is removed when the out-of-frame condition has been absent
for 16.6 sec (± 500 ms). The presence of AIS alarm is declared when an out-of-
frame condition and all-ones in the PCM data stream have been present for 2.55
sec (±40 ms); the AIS alarm is removed when the AIS condition has been absent
for 16.6 sec (±500 ms).
CFA alarm detection algorithms operate in the presence of a 10-3 bit error rate.
9.3.3.1 Customer Interface Alarms
The RAI-CI and AIS-CI alarms defined in T1.403 are detected reliably.
By definition, RAI-CI is a repetitive pattern within the ESF data link with a period
of 1.08 seconds. It consists of sequentially interleaving 0.99 seconds of
00000000 11111111 (right-to-left) with 90 ms of 00111110 11111111.
RAI-CI is declared when a bit oriented code of “00111110 11111111” is validated
(i.e. two consecutive patterns) while RAI (a.k.a. Yellow alarm) is declared. RAI-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com