Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 255 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 255 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 251Page - PMC-Sierra, Inc PM5366 Datasheet HTML 252Page - PMC-Sierra, Inc PM5366 Datasheet HTML 253Page - PMC-Sierra, Inc PM5366 Datasheet HTML 254Page - PMC-Sierra, Inc PM5366 Datasheet HTML 255Page - PMC-Sierra, Inc PM5366 Datasheet HTML 256Page - PMC-Sierra, Inc PM5366 Datasheet HTML 257Page - PMC-Sierra, Inc PM5366 Datasheet HTML 258Page - PMC-Sierra, Inc PM5366 Datasheet HTML 259Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
243
Table 51
- SBI DROP BUS Timing - 77.76 MHz (Figure 68 to Figure 69)
Symbol
Description
Min
Max
Units
tSSBIDROP SDC1FP Set-Up Time to SREFCLK
3
ns
tHSBIDROP SDC1FP Hold Time to SREFCLK
0
ns
tPSBIDROP SREFCLK to All SBI DROP BUS Outputs
Valid
16
ns
tZSBIDROP SREFCLK to All SBI DROP BUS Outputs
Tristate
15
ns
Notes on SBI Output Timing:
1. Output propagation delay time is the time in nanoseconds from the 1.4 Volt
point of the reference signal to the 1.4 Volt point of the output.
2. Maximum and minimum output propagation delays are measured with a 100
pF load on all the outputs.
3. Output tristate delay is the time in nanoseconds from the 1.4 Volt point of the
reference signal to the point where the total current delivered through the
output is less than or equal to the leakage current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com