Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 265 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 265 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 259Page - PMC-Sierra, Inc PM5366 Datasheet HTML 260Page - PMC-Sierra, Inc PM5366 Datasheet HTML 261Page - PMC-Sierra, Inc PM5366 Datasheet HTML 262Page - PMC-Sierra, Inc PM5366 Datasheet HTML 263Page - PMC-Sierra, Inc PM5366 Datasheet HTML 264Page - PMC-Sierra, Inc PM5366 Datasheet HTML 265Page - PMC-Sierra, Inc PM5366 Datasheet HTML 266Page - PMC-Sierra, Inc PM5366 Datasheet HTML 267Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 265 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
253
19
MECHANICAL INFORMATION
Figure 76
- 324 Pin PBGA 23x23mm Body
e
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
AB
b
BOTT OM VIEW
A1 BAL L
CO RNER
J
I
"d" DIA .
3 PLACES
1
3
5
7
9
11
13
15
17
19
21
2
4
6
8
10
12
14
16
18
20
22
M
M
0.30
C
B
0.10
C
A
B
A
A1 BALL
INDICATOR
D
D1
E1
E
0.20
(4X)
45ο CHAMFER
4 PLACES
A1 BALL PAD
CORNER
TOP VIEW
A1
A
C
A2
SEATING PLA NE
bbb C
C
aaa C
30ο TYP
SIDE VIEW
NO TE S: 1) ALL DIM ENSIO NS IN M ILLIM ET ER.
2) DIMENSION aaa DENO TE S COPLANA RITY.
3) DIMENS IO N bbb DE NO TES PARALLE L.
23.00
19.00
19.50
20.20
1.00
1.00
0.63
0.50
0.70
2.07
2.28
2.49
1.82
2.03
2.22
0.40
0.50
0.60
1.12
1.17
1.22
23.00
19.00
19.50
20.20
0.36
0.61
1.00
1.00
0.15
0.35
0.30
0.40
0.55
0.67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com