Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 114 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 114 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 110Page - PMC-Sierra, Inc PM5366 Datasheet HTML 111Page - PMC-Sierra, Inc PM5366 Datasheet HTML 112Page - PMC-Sierra, Inc PM5366 Datasheet HTML 113Page - PMC-Sierra, Inc PM5366 Datasheet HTML 114Page - PMC-Sierra, Inc PM5366 Datasheet HTML 115Page - PMC-Sierra, Inc PM5366 Datasheet HTML 116Page - PMC-Sierra, Inc PM5366 Datasheet HTML 117Page - PMC-Sierra, Inc PM5366 Datasheet HTML 118Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
102
Conversely, if the majority of the stuff control bits indicate a data operation, the
appropriate stuff opportunity bit(s) will carry T1 or E1 payload.
The RTDM, in cooperation with the T1/E1 jitter attenuator, attenuates jitter
introduced by pointer justification events. The T1/E1 jitter attenuator may be
bypassed, in which case an external device may use the SBI Link Rate Octet
generated by RTDM to determine the clock phase. When a pointer justification
is detected, the RTDM issues evenly spaced 1/12 UI T1 adjustments or 1/9 UI
E1 adjustments encoded in the SBI Link Rate Octet.
The RTDM optionally acts as a time switch. When time switching is enabled, the
association of timeslots on the system interface (SBI or H-MVIP) to incoming
tributaries is software configurable. There are two pages in the time switch
configuration RAM. One page is software selectable to be the active page and
the other the stand-by page. The configuration in the active page is used to
switch incoming tributaries. The stand-by page can be programmed to the next
switch configuration. Change of page selection is effected immediately. The one
constraint on switch configuration is that the all the remapped tributaries in an
SPE must be of the same type (T1 or E1).
9.26 Receive Tributary Byte Synchronous Demapper
Each one of three Receive Tributary Byte Synchronous Demappers demaps up
to 28 T1 or 21 E1 byte synchronous mapped signals from an STS-1 SPE, TUG3
within a STM-1/VC4 or STM-1 VC3 payload. The demapping is done
inaccordance with ITU-T Recommendation G.709 and ANSI T1.105.
Byte synchronous demapping is enabled on a per-tributary basis by setting the
ENBL bit through the Byte Synchronous Demapping Tributary Control RAM
Indirect Access Data register and by bypassing the receive jitter attenuator by
setting the RJATBYP bit through the RJAT Indirect Channel Data register.
Given that frame alignment is provided by the mapping function, the T1/E1
framer doesn’t provide the frame alignment for the system interface. If the
tributary ‘F’ bit position contains valid framing information, the T1/E1 framer may
be used for performance and alarm monitoring.
Signaling, if present, may be dealt with in two ways for T1. By default, the T1
framer attempts to find frame and extracts the signaling from the robbed bit
signaling positions. Alternately, the values encoded in the S1S2S3S4 bit
positions are presented on the system interface verbatim without debounce or
freezing if the RAWSIG bit programmed through the SIGX Indirect Channel Data
registers is logic 1. This is programmed on a per-tributary basis. For E1, the
signaling is extracted from “Multiframe alignment signal” byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com