Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 42 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 42 Page - Texas Instruments

Back Button AM69 Datasheet HTML 38Page - Texas Instruments AM69 Datasheet HTML 39Page - Texas Instruments AM69 Datasheet HTML 40Page - Texas Instruments AM69 Datasheet HTML 41Page - Texas Instruments AM69 Datasheet HTML 42Page - Texas Instruments AM69 Datasheet HTML 43Page - Texas Instruments AM69 Datasheet HTML 44Page - Texas Instruments AM69 Datasheet HTML 45Page - Texas Instruments AM69 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 312 page
background image
Table 5-1. Pin Attributes (ALY, AND Packages) (continued)
ALY Ball
Num [1]
AND Ball
Num [1]
Ball
Name [2]
PADCFG Register [15]
PADCFG Address [16]
Signal
Name [3]
Mux
Mode
[4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL)
[7]
Ball State
AFTER
Reset
(RX/TX/PULL)
[8]
Mux
Mode
AFTER
Reset
[9]
Pull
Type
[10]
Power [11]
Hys
[12]
Voltage
Buffer
Type [13]
IO
RET [14]
AD37
P33
MCASP2_ACLKX
PADCFG:
PADCONFIG_21
0x0011C054
MCAN8_RX
0
I
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV2
Yes
LVCMOS
Yes
MCASP2_ACLKX
1
IO
VOUT0_DATA8
2
O
VOUT0_DATA20
5
O
GPMC0_AD10
6
IO
GPIO0_21
7
IO
SPI5_CS2
8
IO
EQEP2_S
9
IO
TRC_DATA4
10
O
UART1_RXD
11
I
SPI7_CS1
13
IO
SYNC3_OUT
14
O
AE37
G32
MCASP2_AFSX
PADCFG:
PADCONFIG_22
0x0011C058
MCAN9_TX
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV2
Yes
LVCMOS
Yes
MCASP2_AFSX
1
IO
VOUT0_DATA7
2
O
MDIO1_MDC
4
O
GPMC0_AD11
6
IO
GPIO0_22
7
IO
SPI5_CS3
8
IO
EHRPWM_SOCA
9
O
TRC_DATA9
10
O
UART1_TXD
11
O
SPI7_CS2
13
IO
AF37
F32
MCASP0_AXR0
PADCFG:
PADCONFIG_16
0x0011C040
MCAN6_TX
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV2
Yes
LVCMOS
Yes
MCASP0_AXR0
1
IO
VOUT0_DATA13
2
O
GPMC0_AD2
6
IO
GPIO0_16
7
IO
SPI2_CS2
8
IO
EHRPWM2_A
9
IO
TRC_DATA14
10
O
UART4_RXD
11
I
SPI7_CLK
13
IO
UART8_CTSn
14
I
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
42
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com