Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 57 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 57 Page - Texas Instruments

Back Button AM69 Datasheet HTML 53Page - Texas Instruments AM69 Datasheet HTML 54Page - Texas Instruments AM69 Datasheet HTML 55Page - Texas Instruments AM69 Datasheet HTML 56Page - Texas Instruments AM69 Datasheet HTML 57Page - Texas Instruments AM69 Datasheet HTML 58Page - Texas Instruments AM69 Datasheet HTML 59Page - Texas Instruments AM69 Datasheet HTML 60Page - Texas Instruments AM69 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 312 page
background image
Table 5-1. Pin Attributes (ALY, AND Packages) (continued)
ALY Ball
Num [1]
AND Ball
Num [1]
Ball
Name [2]
PADCFG Register [15]
PADCFG Address [16]
Signal
Name [3]
Mux
Mode
[4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL)
[7]
Ball State
AFTER
Reset
(RX/TX/PULL)
[8]
Mux
Mode
AFTER
Reset
[9]
Pull
Type
[10]
Power [11]
Hys
[12]
Voltage
Buffer
Type [13]
IO
RET [14]
AB38
D33
MMC1_CLK
PADCFG:
PADCONFIG_65
0x0011C104
MMC1_CLK
0
IO
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV5
Yes
SDIO
No
UART8_RXD
1
I
TIMER_IO6
3
IO
EHRPWM2_B
4
IO
UART4_CTSn
5
I
EHRPWM5_A
6
IO
GPIO0_64
7
IO
SPI1_CLK
8
IO
UART0_RTSn
9
O
I2C6_SDA
10
IOD
MCAN15_TX
11
O
PCIE2_CLKREQn
12
IO
AB36
E32
MMC1_CMD
PADCFG:
PADCONFIG_66
0x0011C108
MMC1_CMD
0
IO
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV5
Yes
SDIO
No
UART8_TXD
1
O
TIMER_IO7
3
IO
EHRPWM2_A
4
IO
UART4_RTSn
5
O
GPIO0_65
7
IO
SPI1_D1
8
IO
I2C6_SCL
10
IOD
MCAN15_RX
11
I
PCIE3_CLKREQn
12
IO
AK9
AM1
MMC0_DAT0
MMC0_DAT0
IO
1.8 V
On / Off / Up
On / SS / Up
PU/PD
VDDS_MMC
0
eMMCPHY
No
AL6
AK3
MMC0_DAT1
MMC0_DAT1
IO
1.8 V
On / Off / Up
On / SS / Up
PU/PD
VDDS_MMC
0
eMMCPHY
No
AK8
AL1
MMC0_DAT2
MMC0_DAT2
IO
1.8 V
On / Off / Up
On / SS / Up
PU/PD
VDDS_MMC
0
eMMCPHY
No
AK6
AK1
MMC0_DAT3
MMC0_DAT3
IO
1.8 V
On / Off / Up
On / SS / Up
PU/PD
VDDS_MMC
0
eMMCPHY
No
AK7
AJ3
MMC0_DAT4
MMC0_DAT4
IO
1.8 V
On / Off / Up
On / SS / Up
PU/PD
VDDS_MMC
0
eMMCPHY
No
AL7
AH3
MMC0_DAT5
MMC0_DAT5
IO
1.8 V
On / Off / Up
On / SS / Up
PU/PD
VDDS_MMC
0
eMMCPHY
No
AL5
AJ4
MMC0_DAT6
MMC0_DAT6
IO
1.8 V
On / Off / Up
On / SS / Up
PU/PD
VDDS_MMC
0
eMMCPHY
No
AK3
AK2
MMC0_DAT7
MMC0_DAT7
IO
1.8 V
On / Off / Up
On / SS / Up
PU/PD
VDDS_MMC
0
eMMCPHY
No
www.ti.com
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
57
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com