Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 47 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 47 Page - Texas Instruments

Back Button AM69 Datasheet HTML 43Page - Texas Instruments AM69 Datasheet HTML 44Page - Texas Instruments AM69 Datasheet HTML 45Page - Texas Instruments AM69 Datasheet HTML 46Page - Texas Instruments AM69 Datasheet HTML 47Page - Texas Instruments AM69 Datasheet HTML 48Page - Texas Instruments AM69 Datasheet HTML 49Page - Texas Instruments AM69 Datasheet HTML 50Page - Texas Instruments AM69 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 312 page
background image
Table 5-1. Pin Attributes (ALY, AND Packages) (continued)
ALY Ball
Num [1]
AND Ball
Num [1]
Ball
Name [2]
PADCFG Register [15]
PADCFG Address [16]
Signal
Name [3]
Mux
Mode
[4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL)
[7]
Ball State
AFTER
Reset
(RX/TX/PULL)
[8]
Mux
Mode
AFTER
Reset
[9]
Pull
Type
[10]
Power [11]
Hys
[12]
Voltage
Buffer
Type [13]
IO
RET [14]
AF34
U31
MCASP0_AXR14
PADCFG:
PADCONFIG_42
0x0011C0A8
MCAN8_RX
0
I
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV2
Yes
LVCMOS
Yes
MCASP0_AXR14
1
IO
MCASP2_AXR4
2
IO
MCASP0_ACLKR
3
IO
GPMC0_A7
5
OZ
RGMII1_RD3
6
I
GPIO0_42
7
IO
CLKOUT
8
IO
EQEP0_A
9
I
SPI2_D0
10
IO
UART5_RTSn
11
O
UART7_TXD
13
O
AE34
M33
MCASP0_AXR15
PADCFG:
PADCONFIG_43
0x0011C0AC
MCAN9_TX
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV2
Yes
LVCMOS
Yes
MCASP0_AXR15
1
IO
MCASP0_AFSR
3
IO
GPMC0_A8
5
OZ
RGMII1_RX_CTL
6
I
GPIO0_43
7
IO
RMII1_TX_EN
8
O
EQEP0_B
9
I
SPI2_D1
10
IO
UART8_RXD
11
I
I2C1_SCL
13
IOD
AD38
H29
MCASP1_AXR0
PADCFG:
PADCONFIG_48
0x0011C0C0
MCAN11_RX
0
I
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV2
Yes
LVCMOS
Yes
MCASP1_AXR0
1
IO
GPMC0_A13
5
OZ
MDIO0_MDC
6
O
GPIO0_48
7
IO
SPI3_CLK
8
IO
EQEP1_S
9
IO
UART0_TXD
11
O
GPMC0_WAIT3
12
I
SYNC2_OUT
14
O
www.ti.com
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
47
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com