Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 60 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 60 Page - Texas Instruments

Back Button AM69 Datasheet HTML 56Page - Texas Instruments AM69 Datasheet HTML 57Page - Texas Instruments AM69 Datasheet HTML 58Page - Texas Instruments AM69 Datasheet HTML 59Page - Texas Instruments AM69 Datasheet HTML 60Page - Texas Instruments AM69 Datasheet HTML 61Page - Texas Instruments AM69 Datasheet HTML 62Page - Texas Instruments AM69 Datasheet HTML 63Page - Texas Instruments AM69 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 312 page
background image
Table 5-1. Pin Attributes (ALY, AND Packages) (continued)
ALY Ball
Num [1]
AND Ball
Num [1]
Ball
Name [2]
PADCFG Register [15]
PADCFG Address [16]
Signal
Name [3]
Mux
Mode
[4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL)
[7]
Ball State
AFTER
Reset
(RX/TX/PULL)
[8]
Mux
Mode
AFTER
Reset
[9]
Pull
Type
[10]
Power [11]
Hys
[12]
Voltage
Buffer
Type [13]
IO
RET [14]
AN5
AH11
PCIE_REFCLK2_N_OUT
PCIE_REFCLK2_N_OUT
O
1.8 V
VDDA_0P8_
SERDES0_1
/
VDDA_0P8_
SERDES_C0
_1 /
VDDA_1P8_
SERDES0_1
4L_PHY
AN6
AH10
PCIE_REFCLK2_P_OUT
PCIE_REFCLK2_P_OUT
O
1.8 V
VDDA_0P8_
SERDES0_1
/
VDDA_0P8_
SERDES_C0
_1 /
VDDA_1P8_
SERDES0_1
4L_PHY
AP7
AJ16
PCIE_REFCLK3_N_OUT
PCIE_REFCLK3_N_OUT
O
1.8 V
VDDA_0P8_
SERDES0_1
/
VDDA_0P8_
SERDES_C0
_1 /
VDDA_1P8_
SERDES0_1
4L_PHY
AP8
AJ15
PCIE_REFCLK3_P_OUT
PCIE_REFCLK3_P_OUT
O
1.8 V
VDDA_0P8_
SERDES0_1
/
VDDA_0P8_
SERDES_C0
_1 /
VDDA_1P8_
SERDES0_1
4L_PHY
L38
B16
PMIC_POWER_EN1
PADCFG:
WKUP_PADCONFIG_68
0x4301C110
PMIC_POWER_EN1
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV0_
MCU
Yes
LVCMOS
Yes
MCU_I3C0_SDAPULLEN
5
OD
WKUP_GPIO0_88
7
IO
AJ34
T30
PMIC_WAKE0n
PADCFG:
PADCONFIG_13
0x0011C034
PMIC_WAKE0n
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV2
Yes
LVCMOS
No
MCASP4_AXR0
1
IO
DSS_FSYNC1
4
O
MCAN17_RX
5
I
GPMC0_WEn
6
O
GPIO0_13
7
IO
SPI6_CS0
8
IO
TRC_DATA0
10
O
UART9_RTSn
11
O
UART7_TXD
13
O
AUDIO_EXT_REFCLK0
14
IO
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
60
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com