Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 100 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 100 Page - Texas Instruments

Back Button AM69 Datasheet HTML 96Page - Texas Instruments AM69 Datasheet HTML 97Page - Texas Instruments AM69 Datasheet HTML 98Page - Texas Instruments AM69 Datasheet HTML 99Page - Texas Instruments AM69 Datasheet HTML 100Page - Texas Instruments AM69 Datasheet HTML 101Page - Texas Instruments AM69 Datasheet HTML 102Page - Texas Instruments AM69 Datasheet HTML 103Page - Texas Instruments AM69 Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 312 page
background image
Table 5-10. WKUP_GPIO0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
WKUP_GPIO0_3
IO
General Purpose Input/Output
J36
D19
WKUP_GPIO0_4
IO
General Purpose Input/Output
H35
E16
WKUP_GPIO0_5
IO
General Purpose Input/Output
K36
D20
WKUP_GPIO0_6
IO
General Purpose Input/Output
L37
B15
WKUP_GPIO0_7
IO
General Purpose Input/Output
L36
B17
WKUP_GPIO0_8
IO
General Purpose Input/Output
L35
B19
WKUP_GPIO0_9
IO
General Purpose Input/Output
L34
A15
WKUP_GPIO0_10
IO
General Purpose Input/Output
L33
B18
WKUP_GPIO0_11
IO
General Purpose Input/Output
M38
B21
WKUP_GPIO0_12
IO
General Purpose Input/Output
J37
D17
WKUP_GPIO0_13
IO
General Purpose Input/Output
K38
D21
WKUP_GPIO0_14
IO
General Purpose Input/Output
H37
D15
WKUP_GPIO0_15
IO
General Purpose Input/Output
K37
C16
WKUP_GPIO0_16
IO
General Purpose Input/Output
E32
D8
WKUP_GPIO0_17
IO
General Purpose Input/Output
D32
D10
WKUP_GPIO0_18
IO
General Purpose Input/Output
C34
C10
WKUP_GPIO0_19
IO
General Purpose Input/Output
B33
E10
WKUP_GPIO0_20
IO
General Purpose Input/Output
B32
F9
WKUP_GPIO0_21
IO
General Purpose Input/Output
C33
E9
WKUP_GPIO0_22
IO
General Purpose Input/Output
C35
D11
WKUP_GPIO0_23
IO
General Purpose Input/Output
D33
D9
WKUP_GPIO0_24
IO
General Purpose Input/Output
D34
C9
WKUP_GPIO0_25
IO
General Purpose Input/Output
E34
C7
WKUP_GPIO0_26
IO
General Purpose Input/Output
E33
C8
WKUP_GPIO0_27
IO
General Purpose Input/Output
A32
F12
WKUP_GPIO0_28
IO
General Purpose Input/Output
A33
F11
WKUP_GPIO0_29
IO
General Purpose Input/Output
B34
F10
WKUP_GPIO0_30
IO
General Purpose Input/Output
C32
E11
WKUP_GPIO0_31
IO
General Purpose Input/Output
F32
B7
WKUP_GPIO0_32
IO
General Purpose Input/Output
C31
B10
WKUP_GPIO0_33
IO
General Purpose Input/Output
F31
B9
WKUP_GPIO0_34
IO
General Purpose Input/Output
E35
B8
WKUP_GPIO0_35
IO
General Purpose Input/Output
D31
B11
WKUP_GPIO0_36
IO
General Purpose Input/Output
G31
A11
WKUP_GPIO0_37
IO
General Purpose Input/Output
F33
A10
WKUP_GPIO0_38
IO
General Purpose Input/Output
G32
A8
WKUP_GPIO0_39
IO
General Purpose Input/Output
G33
A9
WKUP_GPIO0_40
IO
General Purpose Input/Output
C38
B14
WKUP_GPIO0_41
IO
General Purpose Input/Output
C37
C12
WKUP_GPIO0_42
IO
General Purpose Input/Output
E38
A12
WKUP_GPIO0_43
IO
General Purpose Input/Output
E37
B12
WKUP_GPIO0_44
IO
General Purpose Input/Output
D38
A13
WKUP_GPIO0_45
IO
General Purpose Input/Output
D37
B13
WKUP_GPIO0_46
IO
General Purpose Input/Output
E36
A14
WKUP_GPIO0_47
IO
General Purpose Input/Output
B37
C14
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
100
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com