Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 54 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 54 Page - Texas Instruments

Back Button AM69 Datasheet HTML 50Page - Texas Instruments AM69 Datasheet HTML 51Page - Texas Instruments AM69 Datasheet HTML 52Page - Texas Instruments AM69 Datasheet HTML 53Page - Texas Instruments AM69 Datasheet HTML 54Page - Texas Instruments AM69 Datasheet HTML 55Page - Texas Instruments AM69 Datasheet HTML 56Page - Texas Instruments AM69 Datasheet HTML 57Page - Texas Instruments AM69 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 312 page
background image
Table 5-1. Pin Attributes (ALY, AND Packages) (continued)
ALY Ball
Num [1]
AND Ball
Num [1]
Ball
Name [2]
PADCFG Register [15]
PADCFG Address [16]
Signal
Name [3]
Mux
Mode
[4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL)
[7]
Ball State
AFTER
Reset
(RX/TX/PULL)
[8]
Mux
Mode
AFTER
Reset
[9]
Pull
Type
[10]
Power [11]
Hys
[12]
Voltage
Buffer
Type [13]
IO
RET [14]
E33
C8
MCU_OSPI0_D7
PADCFG:
WKUP_PADCONFIG_10
0x4301C028
MCU_OSPI0_D7
0
IO
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV1_
MCU
Yes
LVCMOS
No
MCU_HYPERBUS0_DQ7
1
IO
WKUP_GPIO0_26
7
IO
G32
A8
MCU_OSPI1_CSn0
PADCFG:
WKUP_PADCONFIG_23
0x4301C05C
MCU_OSPI1_CSn0
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV1_
MCU
Yes
LVCMOS
No
WKUP_GPIO0_38
7
IO
G33
A9
MCU_OSPI1_CSn1
PADCFG:
WKUP_PADCONFIG_24
0x4301C060
MCU_OSPI1_CSn1
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV1_
MCU
Yes
LVCMOS
No
MCU_HYPERBUS0_WPn
1
O
MCU_TIMER_IO0
2
IO
MCU_HYPERBUS0_CSn1
3
O
MCU_UART0_RTSn
4
O
MCU_SPI0_CS2
5
IO
MCU_OSPI0_RESET_OUT1
6
O
WKUP_GPIO0_39
7
IO
E35
B8
MCU_OSPI1_D0
PADCFG:
WKUP_PADCONFIG_19
0x4301C04C
MCU_OSPI1_D0
0
IO
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV1_
MCU
Yes
LVCMOS
No
WKUP_GPIO0_34
7
IO
D31
B11
MCU_OSPI1_D1
PADCFG:
WKUP_PADCONFIG_20
0x4301C050
MCU_OSPI1_D1
0
IO
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV1_
MCU
Yes
LVCMOS
No
MCU_UART0_RXD
4
I
MCU_SPI1_CS1
5
IO
WKUP_GPIO0_35
7
IO
G31
A11
MCU_OSPI1_D2
PADCFG:
WKUP_PADCONFIG_21
0x4301C054
MCU_OSPI1_D2
0
IO
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV1_
MCU
Yes
LVCMOS
No
MCU_UART0_TXD
4
O
MCU_SPI1_CS2
5
IO
WKUP_GPIO0_36
7
IO
F33
A10
MCU_OSPI1_D3
PADCFG:
WKUP_PADCONFIG_22
0x4301C058
MCU_OSPI1_D3
0
IO
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV1_
MCU
Yes
LVCMOS
No
MCU_UART0_CTSn
4
I
MCU_SPI0_CS1
5
IO
WKUP_GPIO0_37
7
IO
K32
C24
MCU_PORz
MCU_PORz
I
1.8 V
VDDA_WKU
P
Yes
FS_RESET
No
F36
E21
MCU_RESETSTATz
PADCFG:
WKUP_PADCONFIG_71
0x4301C11C
MCU_RESETSTATz
0
O
1.8 V/3.3 V
Off / Low / Off
Off / SS / Off
0
PU/PD
VDDSHV0_
MCU
Yes
LVCMOS
No
WKUP_GPIO0_68
7
IO
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
54
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com